Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX159BEUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX159BEUA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX159BEUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX159BEUA Datasheet HTML 4Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 5Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 6Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 7Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 8Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 9Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 10Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 11Page - Maxim Integrated Products MAX159BEUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
8
_______________________________________________________________________________________
The capacitive digital-to-analog converter (DAC)
adjusts during the remainder of the conversion cycle
to restore node ZERO to 0V within the limits of 10-bit
resolution. This action is equivalent to transferring a
16pF · [(VIN+) - (VIN-)] charge from CHOLD to the bina-
ry-weighted capacitive DAC, which in turn forms a digi-
tal representation of the analog input signal.
Track/Hold
The ADC’s T/H stage enters its tracking mode on the
falling edge of CS/SHDN. For the MAX157 (single-
ended inputs), IN- is connected to GND and the con-
verter samples the positive (“+”) input. For the MAX159
(pseudo-differential inputs), IN- connects to the nega-
tive input (“-”), and the difference of [(VIN+) - (VIN-)] is
sampled. At the end of the conversion, the positive
input connects back to IN+ and CHOLD charges to the
input signal.
The time required for the T/H stage to acquire an input
signal is a function of how fast its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time required for
the signal to be acquired. Calculate this with the follow-
ing equation:
tACQ = 7(RS + RIN)CIN
where RS is the source impedance of the input signal,
RIN (9kΩ) is the input resistance, and CIN (16pF) is the
input capacitance of the ADC. Source impedances
below 4k
Ω have no significant impact on the AC perfor-
mance of the MAX157/MAX159.
Higher source impedances can be used if a 0.01µF
capacitor is connected to the individual analog inputs.
Together with the input impedance, this capacitor forms
an RC filter, limiting the ADC’s signal bandwidth.
Input Bandwidth
The MAX157/MAX159 T/H stage offers both a 2.25MHz
small-signal and a 1MHz full-power bandwidth, which
makes it possible to use the parts for digitizing high-
speed transients and measuring periodic signals with
bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid high-fre-
quency signals being aliased into the frequency band
of interest, anti-alias filtering is recommended. Most
aliasing problems can be fixed easily with an external
resistor and a capacitor. However, if DC precision is
required, it is usually best to choose a continuous
or switched-capacitor filter, such as the MAX7410/
MAX7414 (Figure 4). Their Butterworth characteristic
generally provides the best compromise (with regard to
rolloff and attenuation) in filter configurations, is easy to
design, and provides a maximally flat passband re-
sponse.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow each input channel to
swing within GND - 300mV to VDD + 300mV without
damage. However, for accurate conversions both
inputs must not exceed VDD + 50mV or be less than
GND - 50mV.
If an off-channel analog input voltage exceeds the
supplies, limit the input current to 4mA.
MAX157
MAX159
10+2 BIT
SAR
ADC
SCLK
IN
OUT
ANALOG
INPUT
MUX
(2 CHANNEL)
CH0
(CH+)
CH1
(CH-)
REF
( ) ARE FOR MAX159
T/H
CONTROL
LOGIC
SCLK
CS/SHDN
INTERNAL
CLOCK
OUTPUT
REGISTER
DOUT
Figure 2. MAX157/MAX159 Simplified Functional Diagram
CH0
(CH+)
CH1
(CH-)
GND
CSWITCH
TRACK
T/H
RIN
9k
HOLD
CAPACITIVE DAC
CONTROL
LOGIC
REF
ZERO
TO SAR
( ) ARE FOR MAX159
COMPARATOR
+
CHOLD
16pF
SINGLE-ENDED MODE: CHO, CH1 = IN+; GND = IN-
DIFFERENTIAL MODE: CH+ = IN+; CH- = IN-
INPUT
MUX
Figure 3. Analog Input Channel Structure


Similar Part No. - MAX159BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
MAX1595 MAXIM-MAX1595 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595ETC33 MAXIM-MAX1595ETC33 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
MAX1595ETC33++ MAXIM-MAX1595ETC33+ Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
More results

Similar Description - MAX159BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com