Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ0201FPNPO9BN121 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CQ0201FPNPO9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0201FPNPO9BN121 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CQ0201FPNPO9BN121 Datasheet HTML 4Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 5Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 6Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 7Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 8Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 9Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 10Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 11Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Surface-Mount Ceramic Multilayer Capacitors
Product specification
HiQ
16 V to 250 V
NP0
10
www.yageo.com
Jul. 5, 2016 V.13
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Resistance to
soldering heat
IEC 60384-
21/22
4.9
Precondition: 150 +0/–10 °C for 1 hour, then keep for 24
± 1 hours at room temperature
Preheating: for size ≤ 1206: 120 °C to 150 °C for 1 minute
Preheating: for size >1206: 100 °C to 120 °C for 1 minute
and 170 °C to 200 °C for 1 minute
Solder bath temperature: 260 ± 5 °C
Dipping time: 10 ± 0.5 seconds
Recovery time: 24 ±2 hours
Dissolution of the end face plating shall
not exceed 25% of the length of the
edge concerned
∆C/C
NP0: within ± 0.5% or 0.5 pF
whichever is greater
Q value within initial specified value
Rins within initial specified value
Solderability
4.10 Preheated the temperature of 80 °C to 140 °C and
maintained for 30 seconds to 60 seconds.
Test conditions for lead containing solder alloy
Temperature: 235 ± 5 °C
Dipping time: 2 ± 0.2 seconds
Depth of immersion: 10 mm
Alloy Composition: 60/40 Sn/Pb
Number of immersions: 1
Test conditions for lead-free containing solder alloy
Temperature: 245 ± 5 °C
Dipping time: 3 ± 0.3 seconds
Depth of immersion: 10 mm
Alloy Composition: SAC305
Number of immersions: 1
The solder should cover over 95% of
the critical area of each termination
Rapid change
of
temperature
4.11 Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ± 1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ± 2 hours
No visual damage
∆C/C
NP0: within ± 1% or 1 pF
whichever is greater
Q value meet initial specified value
Rins meet initial specified value


Similar Part No. - CQ0201FPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0201FPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com