Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ0603DPNPO9BN121 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # CQ0603DPNPO9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0603DPNPO9BN121 Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button CQ0603DPNPO9BN121 Datasheet HTML 3Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 4Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 5Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 6Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 7Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 8Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 9Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 10Page - YAGEO Corporation CQ0603DPNPO9BN121 Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Surface-Mount Ceramic Multilayer Capacitors
Product specification
HiQ
16 V to 250 V
NP0
7
www.yageo.com
Jul. 5, 2016 V.13
Table 5
THICKNESS CLASSES AND PACKING QUANTITY
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH
QUANTITY PER REEL
Ø 180 MM / 7 INCH
Ø 330 MM / 13 INCH
QUANTITY
PER BULK CASE
Paper/PE
Blister
Paper/PE
Blister
0201
0.3 ± 0.03 mm
8 mm
15,000
---
50,000
---
---
0402
0.5 ± 0.05 mm
8 mm
10,000
---
50,000
---
---
0603
0.8 ± 0.1 mm
8 mm
4,000
---
15,000
---
---
0805
0.6 ± 0.1 mm
8 mm
4,000
---
20,000
---
---
SOLDERING RECOMMENDATION
Table 7
SOLDERING
METHOD
SIZE
0201
0402
0603
0805
Reflow
O
O
O
O
Wave
---
---
O
O
ELECTRICAL CHARACTERISTICS
N
NP
P00 D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise stated all electrical values apply at an ambient temperature of 20±1 °C, an atmospheric
pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%.
DESCRIPTION
VALUE
Capacitance range
0.2 pF to 100 pF
Capacitance tolerance
C < 10 pF
± 0.05 pF, ± 0.1 pF, ± 0.25 pF, ± 0.5 pF
C ≥ 10 pF
±1%, ± 2%, ± 5%
Q value
C < 30 pF
≤ 50V
Q ≥ ( 400 + 20C )
≥100V
Q ≥ ( 800 + 20C )
C: pF
C ≥ 30 pF
≤ 50V
Q ≥ 1000
≥100V
Q ≥1400
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
± 30 ppm/°C
Operating temperature range:
–55 °C to +125 °C
Table 6


Similar Part No. - CQ0603DPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0603DPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com