Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ0201DPNPO9BN121 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CQ0201DPNPO9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0201DPNPO9BN121 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CQ0201DPNPO9BN121 Datasheet HTML 4Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 5Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 6Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 7Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 8Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 9Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 10Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 11Page - YAGEO Corporation CQ0201DPNPO9BN121 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Surface-Mount Ceramic Multilayer Capacitors
Product specification
HiQ
16 V to 250 V
NP0
9
www.yageo.com
Jul. 5, 2016 V.13
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
coefficient
4.6
Capacitance shall be measured by the steps shown in the
following table.
The capacitance change should be measured after 5 min at
each specified temperature stage.
Step
Temperature(℃)
a
25± 2
b
Lower temperature± 3℃
c
25± 2
d
Upper Temperature± 2℃
e
25± 2
(1) Class I
Temperature Coefficient shall be calculated from the
formula as below
Temp, Coefficient =
6
10
T
x
C1
C1
-
C2
Δ
[ppm/℃]
C1: Capacitance at step c
C2: Capacitance at 125℃
∆T: 100℃(=125℃-25℃)
Class1:
∆ C/C: ± 30ppm
Adhesion
4.7
A force applied for 10 seconds to the line joining the
terminations and in a plane parallel to the substrate
Force
size ≥ 0603: 5N
size = 0402: 2.5N
size = 0201: 1N
Bond
strength of
plating on end
face
4.8
Mounting in accordance with IEC 60384-22 paragraph 4.3
No visible damage
Conditions: bending 1 mm at a rate of 1 mm/s, radius jig
5 mm
∆C/C
NP0: within ± 1% or 0.5 pF
whichever is greater
ESR (≤50V)
Measuring frequency: 1 ± 0.2GHz at room temperature.
0.2pF ≤ C ≤ 1pF :350mΩ max
1pF < C ≤ 5pF :300mΩ max
5pF < C ≤ 10pF :250mΩ max
Measuring frequency: 500 ± 50MHz at room temperature.
10pF < C ≤ 100pF :400mΩ max


Similar Part No. - CQ0201DPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0201DPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com