Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX157 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX157
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX157 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX157 Datasheet HTML 1Page - Maxim Integrated Products MAX157 Datasheet HTML 2Page - Maxim Integrated Products MAX157 Datasheet HTML 3Page - Maxim Integrated Products MAX157 Datasheet HTML 4Page - Maxim Integrated Products MAX157 Datasheet HTML 5Page - Maxim Integrated Products MAX157 Datasheet HTML 6Page - Maxim Integrated Products MAX157 Datasheet HTML 7Page - Maxim Integrated Products MAX157 Datasheet HTML 8Page - Maxim Integrated Products MAX157 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
5
500
700
900
1100
1300
1500
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
VREF = VDD
RL = ∞
CL = 50pF
CODE = 1010101000
500
750
1000
1250
1500
-60
-20
0
-40
20 40 60 80 100 120 140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VREF = VDD
RL = ∞
CL = 50pF
CODE = 1010101000
10,000
0.1
0.1
1
100
1k
10k
10
100k
SUPPLY CURRENT
vs. SAMPLING RATE
1
SAMPLING RATE (sps)
100
10
1000
VREF = VDD
CODE = 1010101000
CL = 50pF
0
400
200
600
800
1000
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
VREF = VDD
0
0.05
0.10
0.15
0.20
-60
-10
40
90
-35
15
65
140
115
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
0
200
400
600
800
1000
-60
20 40
-20
0
-40
60 80 100 120 140
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VREF = VDD
0
0.05
0.10
0.15
0.20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
Typical Operating Characteristics
(VDD = +3.0V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps); CH- = GND for
MAX159; TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com