Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX157 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX157
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX157 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX157 Datasheet HTML 1Page - Maxim Integrated Products MAX157 Datasheet HTML 2Page - Maxim Integrated Products MAX157 Datasheet HTML 3Page - Maxim Integrated Products MAX157 Datasheet HTML 4Page - Maxim Integrated Products MAX157 Datasheet HTML 5Page - Maxim Integrated Products MAX157 Datasheet HTML 6Page - Maxim Integrated Products MAX157 Datasheet HTML 7Page - Maxim Integrated Products MAX157 Datasheet HTML 8Page - Maxim Integrated Products MAX157 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS (Figure 7)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Tested at VDD = +2.7V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after full-scale range has been
calibrated.
Note 3: Offset nulled.
Note 4: The on channel is grounded; the sine wave is applied to off channel (MAX157 only).
Note 5: Conversion time is defined as the number of clock cycles times the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from GND to VDD (MAX159 only).
Note 7: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 8: Guaranteed by design. Not subject to production testing.
Note 9: Measured as VFS(2.7V) - VFS(5.25V).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
05
SCLK Clock Frequency
fSCLK
0.1
2.17
MHz
SCLK Fall to Output Data Valid
tDO
20
120
ns
215
CS/SHDN Fall to Output Enable
Wake-Up Time
tWAKE
2.5
µs
tDV
120
ns
CS/SHDN Rise to Output
Disable
tTR
120
ns
SCLK Pulse Width High
tCH
50
ns
CONDITIONS
Internal clock, SCLK for data transfer only
(Note 8)
Internal clock, SCLK for data transfer only
External clock
CL = 100pF
External clock
CL = 100pF (Figure 1)
CL = 100pF (Figure 1)
ns
SCLK to CS/SHDN Setup
tSCLKS
60
CS/SHDN Pulse Width
tCS
60
ns
215
SCLK Pulse Width Low
tCL
50
ns
Internal clock, SCLK for data transfer only
(Note 8)
External clock
POWER REQUIREMENTS
Power-Supply Rejection
(Note 9)
PSR
±0.15
mV
VDD = 2.7V to 5.25V, full-scale input
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Positive Supply Voltage
VDD
+2.7
+5.25
V
CONDITIONS
Positive Supply Current
IDD
0.9
2.0
mA
Operating mode
Positive Supply Current
IDD
0.2
5
µA
Shutdown, CS/SHDN = GND
POWER REQUIREMENTS


Similar Part No. - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com