Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS5601URH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDS5601URH
Description  Dual N-channel Trench MOSFET 30V, 12.9A, 10.5m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS5601URH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDS5601URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS5601URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS5601URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS5601URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS5601URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS5601URH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
July. 2010. Version 1.0
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury. Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDS5601URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
   Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
MDS5652URH MGCHIP-MDS5652URH Datasheet
756Kb / 6P
   Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
logo
VBsemi Electronics Co.,...
MDS5652URH VBSEMI-MDS5652URH Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Similar Description - MDS5601URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
   Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
MDU5693 MGCHIP-MDU5693 Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDU5593S MGCHIP-MDU5593S Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDU5512 MGCHIP-MDU5512 Datasheet
2Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDU5692S MGCHIP-MDU5692S Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com