Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M312L2923BG0-B0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M312L2923BG0-B0
Description  DDR SDRAM Registered Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M312L2923BG0-B0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M312L2923BG0-B0 Datasheet HTML 6Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 7Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 8Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 9Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 10Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 11Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 12Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 13Page - Samsung semiconductor M312L2923BG0-B0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DDR SDRAM
1GB, 2GB Registered DIMM
Rev. 1.1 August. 2003
DDR SDRAM IDD spec table
M312L5720BG0 [ (128M x 4) * 36, 2GB Module ]
(VDD=2.7V, T = 10°C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3 (DDR333@CL=2.5)
A2 (DDR266@CL=2)
B0 (DDR266@CL=2.5)
Unit
Notes
IDD0
4,030
3,630
3,630
mA
IDD1
4,480
3,990
3,990
mA
IDD2P
680
630
630
mA
IDD2F
1,960
1,830
1,830
mA
IDD2Q
1,400
1,170
1,170
mA
IDD3P
1,580
1,530
1,530
mA
IDD3N
2,680
2,550
2,550
mA
IDD4R
4,750
4,080
4,080
mA
IDD4W
5,200
4,350
4,350
mA
IDD5
6,280
5,970
5,970
mA
IDD6
Normal
680
630
630
mA
Low power
610
560
560
mA
Optional
IDD7A
8,980
7,590
7,590
mA


Similar Part No. - M312L2923BG0-B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2923BTS-A2 SAMSUNG-M312L2923BTS-A2 Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L2923BTS-CAA SAMSUNG-M312L2923BTS-CAA Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
More results

Similar Description - M312L2923BG0-B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2920BT SAMSUNG-M312L2920BT Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M383L3223ETS SAMSUNG-M383L3223ETS Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com