Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS1951URH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDS1951URH
Description  Single N-Channel Trench MOSFET 60V, 6A, 45m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1951URH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDS1951URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1951URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1951URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1951URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1951URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1951URH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
June
2010. Version 1.0
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDS1951URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1903 MGCHIP-MDS1903 Datasheet
831Kb / 6P
   Single N-channel Trench MOSFET 100V, 3.3A, 110m(ohm)
MDS1903URH MGCHIP-MDS1903URH Datasheet
831Kb / 6P
   Single N-channel Trench MOSFET 100V, 3.3A, 110m(ohm)
logo
VBsemi Electronics Co.,...
MDS1903URH VBSEMI-MDS1903URH Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - MDS1951URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
logo
Fairchild Semiconductor
FDD45AN06LA0 FAIRCHILD-FDD45AN06LA0 Datasheet
228Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 22A, 45m
logo
MagnaChip Semiconductor...
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
   Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
   Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDD1951 MGCHIP-MDD1951 Datasheet
929Kb / 6P
   Single N-Channel Trench MOSFET 60V, 17.9A, 45.0m(ohm)
MDP06N090 MGCHIP-MDP06N090 Datasheet
949Kb / 6P
   Single N-channel Trench MOSFET 60V, 62A, 9.0m(ohm)
MDS3754A MGCHIP-MDS3754A Datasheet
814Kb / 6P
   P-Channel Trench MOSFET, -40V, -6.0A, 45m(ohm)
MDD06N100 MGCHIP-MDD06N100 Datasheet
958Kb / 6P
   Single N-channel Trench MOSFET 60V, 50A, 10m(ohm)
MDU06N110 MGCHIP-MDU06N110 Datasheet
973Kb / 6P
   Single N-channel Trench MOSFET 60V, 52A, 11.0m(ohm)
MDS5951 MGCHIP-MDS5951 Datasheet
612Kb / 6P
   Dual N-Channel Trench MOSFET 60V, 4.5A, 50m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com