Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS1651RH Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDS1651RH
Description  Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1651RH Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDS1651RH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1651RH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1651RH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1651RH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1651RH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1651RH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
October 2008. Version 1.0
MagnaChip Semiconductor Ltd.
5
Physical Dimensions
8 Leads SOIC
Dimensions are in millimeters unless otherwise specified


Similar Part No. - MDS1651RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1652 MGCHIP-MDS1652 Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1652RH MGCHIP-MDS1652RH Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1652RP MGCHIP-MDS1652RP Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1653URH MGCHIP-MDS1653URH Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
More results

Similar Description - MDS1651RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
logo
E-CMOS Corporation
EC733612 E-CMOS-EC733612 Datasheet
585Kb / 6P
   30V, 11.6A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
   P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDF3752 MGCHIP-MDF3752 Datasheet
1Mb / 6P
   P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
   P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com