Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M312L2920BG0-A2 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M312L2920BG0-A2
Description  DDR SDRAM Registered Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M312L2920BG0-A2 Datasheet(HTML) 3 Page - Samsung semiconductor

  M312L2920BG0-A2 Datasheet HTML 1Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 2Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 3Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 4Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 5Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 6Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 7Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 8Page - Samsung semiconductor M312L2920BG0-A2 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DDR SDRAM
1GB, 2GB Registered DIMM
Rev. 1.1 August. 2003
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
Ordering Information
Operating Frequencies
Part Number
Density
Organization
Component Composition
Height
M312L2923BG0-CB3/A2/B0
1GB
128M x 72
64Mx8( K4H510838B) * 18EA
1,125mil
M312L2920BG0-CB3/A2/B0
1GB
128M x 72
128Mx4( K4H510438B) * 18EA
1,125mil
M312L5720BG0-CB3/A2/B0
2GB
256M x 72
128Mx4( K4H510438B) * 36EA
1,200mil
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Speed @CL2
133MHz
133MHz
100MHz
Speed @CL2.5
166MHz
133MHz
133MHz
CL-tRCD-tRP
2.5-3-3
2-3-3
2.5-3-3
Feature
• Power supply : Vdd: 2.5V ± 0.2V, Vddq: 2.5V ± 0.2V
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency 2, 2.5 (clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
184Pin Registered DIMM based on 512Mb B-die FBGA (x4, x8)


Similar Part No. - M312L2920BG0-A2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2920BT SAMSUNG-M312L2920BT Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L2920BTS-A2 SAMSUNG-M312L2920BTS-A2 Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L2920BTS-CAA SAMSUNG-M312L2920BTS-CAA Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
More results

Similar Description - M312L2920BG0-A2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2920BT SAMSUNG-M312L2920BT Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M383L3223ETS SAMSUNG-M383L3223ETS Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com