Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9200 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # APDS-9200
Description  Digital UV and Ambient Light Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9200 Datasheet(HTML) 2 Page - Broadcom Corporation.

  APDS-9200 Datasheet HTML 1Page - Broadcom Corporation. APDS-9200 Datasheet HTML 2Page - Broadcom Corporation. APDS-9200 Datasheet HTML 3Page - Broadcom Corporation. APDS-9200 Datasheet HTML 4Page - Broadcom Corporation. APDS-9200 Datasheet HTML 5Page - Broadcom Corporation. APDS-9200 Datasheet HTML 6Page - Broadcom Corporation. APDS-9200 Datasheet HTML 7Page - Broadcom Corporation. APDS-9200 Datasheet HTML 8Page - Broadcom Corporation. APDS-9200 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Broadcom
- 2 -
APDS-9200
Data Sheet
Figure 1 Functional Block Diagram
Detailed Description
The APDS-9200 device contains multiple photodiodes for UV and Ambient Light Sensing as well as temperature compensation that
are designed in a matrix placement to achieve optimum angular response at the fall of incident light angle. The photodiode
currents are converted to digital count by ADCs. The ADC resolution is selected from 13 bits to 20 bits and the conversion time is
inversely proportional to the ADC resolution. The device is connected by an I2C interface to a microcontroller through a set of
registers. APDS-9200 has a programmable interrupt with hysteresis to respond to events which will reduce the microcontroller
tasks with upper and lower thresholds. The device includes a circuit for an internal oscillator, a current source, voltage reference,
and internal nonvolatile memory (NVM) to store trimming information.
The UV light sensor has to be operated independently from Ambient Light Sensor. To enable the reading of UV sensor, UVS_MODE
and LS_EN bit has to be correctly set in the MAIN_CTRL register. Setting the UVS_MODE bit will stop a running ALS measurement
and start a new UV sensor reading.
Table 1 I/O Pins Configuration
Pin
Name
Type
Description
1
SCL
I
I2C serial clock input terminal — clock signal for I2C serial data
2SDA
I/O
I2C serial data I/O terminal – serial data I/O for I2C
3
VDD
Supply
Power Supply Voltage
4
INT
O
Interrupt – Open drain
5NC
No Connect
6
GND
Ground
Power supply ground. All voltages are referenced to GND
Upper Threshold
Lower Threshold
Interrupt
INT
SCL
SDA
VDD
GND
Regulator
Oscillator
Lower Threshold
ALS / UVS
ADC
ALS / UVS
Data
Control Logic
Upper Threshold


Similar Part No. - APDS-9200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
APDS-9253-001 BOARDCOM-APDS-9253-001 Datasheet
794Kb / 28P
   Digital RGB Sensor
March 12, 2019
More results

Similar Description - APDS-9200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
APDS-9009 BOARDCOM-APDS-9009 Datasheet
1Mb / 22P
   Digital UV and Ambient Light Sensor
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
   Digital Ambient Light Sensor
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
   DIGITAL AMBIENT LIGHT SENSOR
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8_15 Datasheet
875Kb / 21P
   Digital Ambient Light Sensor
logo
Maxim Integrated Produc...
MAX44004 MAXIM-MAX44004 Datasheet
1Mb / 17P
   Digital Ambient Light Sensor
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com