Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6010CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LT6010CDD
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6010CDD Datasheet HTML 7Page - Linear Technology LT6010CDD Datasheet HTML 8Page - Linear Technology LT6010CDD Datasheet HTML 9Page - Linear Technology LT6010CDD Datasheet HTML 10Page - Linear Technology LT6010CDD Datasheet HTML 11Page - Linear Technology LT6010CDD Datasheet HTML 12Page - Linear Technology LT6010CDD Datasheet HTML 13Page - Linear Technology LT6010CDD Datasheet HTML 14Page - Linear Technology LT6010CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6010
11
6010f
APPLICATIO S I FOR ATIO
Offset Voltage Adjustment
The input offset voltage of the LT6010 and its drift with
temperature are permanently trimmed at wafer testing to
the low level as specified in the electrical characteristic.
However, if further adjustment of VOSisdesired,nullingwith
a 50k potentiometer is possible and will not degrade drift
with temperature. Trimming to a value other than zero
+
6010 F01a
3
2
1
8
LT6010
INPUT
OUTPUT
VCC
Vee
50k
4
6
7
+
6010 F02a
3
2
1
8
LT6010
10k
50k
10k
4
6
7
INPUT
OUTPUT
VCC
Vee
POTENTIOMETER POSITION
0
0.2
0.4
0.6
0.8
1.0
6010 F01b
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
POTENTIOMETER POSITION
0
1.0
6010 F02b
–200
200
150
100
50
0
–50
–100
–150
0.2
0.4
0.6
0.8
Standard Adjustment
Improved Sensitivity Adjustment
Figure 1A
Figure 1B
Figure 2A
Figure 2B
creates a drift of (VOS/300µV) µV/°C, e.g., if VOS is adjusted
to 300
µV,thechangeindriftwillbe1µV/°C.Theadjustment
range with a 50k pot is approximately
±0.9mV (see Figures
1A and 1B). The sensitivity and resolution of the nulling can
be improved by using a smaller pot in conjunction with fixed
resistors. The configuration shown has an approximate
nulling range of
±150µV (see Figures 2A and 2B).


Similar Part No. - LT6010CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT6010 LINER-LT6010 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6010 LINER-LT6010 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Littelfuse
LT60100-1 LITTELFUSE-LT60100-1 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
More results

Similar Description - LT6010CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com