Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M71T-000E Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACPL-M71T-000E
Description  High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-M71T-000E Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACPL-M71T-000E Datasheet HTML 1Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 2Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 3Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 4Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 5Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 6Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 7Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 8Page - Broadcom Corporation. ACPL-M71T-000E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACPL-M71T and ACPL-M72T
High Speed, Low Power Digital Optocouplers
with R2Coupler™ Isolation and AEC-Q100 Grade 1 Qualification
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
• 5 V CMOS compatible
• Common-Mode Rejection 40kV/µs @ VCM=1000V:
• Wide automotive temperature range: –40°C to 125°C
• Low propagation delay :
– High Speed ACPL-M71T: 26ns @ IF = 10 mA (Typical)
– Low Power ACPL-M72T: 60ns @ IF = 4 mA (Typical)
• Worldwide safety approval:
– UL 1577 recognized, 4000 Vrms / 1 min
– CSA approved
– IEC/EN/DIN EN 60747-5-5
• Qualified to AEC-Q100 Grade 1 test guidelines
Applications
• Automotive CANBus communications interface
• Automotive isolated high speed gate drivers for IGBTs
and Power MOSFETs
• High temperature digital signal isolation
• Microcontroller interface
• Digital isolation for A/D and D/A conversion
Description
The Avago ACPL-M71T and ACPL-M72T are high tem-
perature, digital CMOS optocouplers in SOIC-5 packages.
Suitable for hybrid and electric vehicle applications,
the optocouplers use the latest CMOS IC technology to
achieve outstanding performance and very low power
consumption. All devices are AEC-Q100 compliant and
operate over the –40°C to 125 °C temperature range.
The ACPL-M71T uses a high speed LED, and the ACPL-M72T
uses a low current LED for lower power dissipation. The
high speed ACPL-M71T featuring a 35 ns maximum
propagation delay (IF =10 mA). The ACPL-M72T optocou-
pler features very low power. With a low 4 mA LED drive
current, ACPL-M72T typical propagation delay is 60 ns.
Each digital optocoupler has a CMOS detector IC, an in-
tegrated photodiode, a high speed transimpedance
amplifier, and a voltage comparator with an output
driver.
Avago R2Coupler isolation products provide the rein-
forced insulation and reliability needed for critical in auto-
motive and high temperature industrial applications
Functional Block Diagram
Note: A 0.1
µF bypass capacitor must be connected between pins 4 and 6.
1
3
6
4
5
Anode
Cathode
Vdd
Gnd
Vo
ACPL-M71T/ACPL-M72T
Truth Table
LED Output (VO)
OFF
H
ON
L


Similar Part No. - ACPL-M71T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
More results

Similar Description - ACPL-M71T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M72T-000E AVAGO-ACPL-M72T-000E Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-K74T-000E BOARDCOM-ACPL-K74T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K72T-000E BOARDCOM-ACPL-K72T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K75T-000E BOARDCOM-ACPL-K75T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
Xilinx, Inc
XA2C128 XILINX-XA2C128 Datasheet
372Kb / 16P
   AEC-Q100 device qualification and full PPAP support
XA2C32A XILINX-XA2C32A Datasheet
325Kb / 14P
   AEC-Q100 device qualification and full PPAP support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com