Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-K75T-000E Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # ACPL-K75T-000E
Description  Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-K75T-000E Datasheet(HTML) 5 Page - Broadcom Corporation.

  ACPL-K75T-000E Datasheet HTML 1Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 2Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 3Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 4Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 5Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 6Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 7Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 8Page - Broadcom Corporation. ACPL-K75T-000E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Broadcom
- 5 -
ACPL-K71T, ACPL-K72T, ACPL-K74T, and ACPL-K75T
Data Sheet
Insulation and Safety-Related Specifications
Insulation and Safety-Related Specifications
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristic (Option 060 Only)
Parameter
Symbol
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
8
mm
Measured from input terminals to output terminals, shortest
distance through air.
Minimum External Tracking
(Creepage)
L(102)
8
mm
Measured from input terminals to output terminals, shortest
distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance conductor to conductor, usually
the straight line distance thickness between the emitter and
detector.
Tracking Resistance (Comparative
Tracking Index)
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (DIN VDE0109)
IIIa
Material Group (DIN VDE 0109)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 600 V rms
I-IV
for rated mains voltage ≤ 1000 V rms
I-III
Climatic Classification
40/125/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
1140
VPEAK
Input to Output Test Voltage, Method b
VIORM × 1.875 = VPR, 100% Production Test with tm = 1 s, Partial Discharge < 5 pC
VPR
2137
VPEAK
Input to Output Test Voltage, Method a
VIORM × 1.6 = VPR, Type and sample test, tm = 10s, Partial Discharge < 5 pC
VPR
1824
VPEAK
Highest Allowable Overvoltage (Transient Overvoltage, tini = 60s)
VIOTM
8000
VPEAK
Safety Limiting Values (Maximum values allowed in the event of a failure)
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500V
RS
109


Similar Part No. - ACPL-K75T-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K75T BOARDCOM-ACPL-K75T Datasheet
870Kb / 16P
   Qualified to AEC-Q100 Grade 1 Test Guidelines
More results

Similar Description - ACPL-K75T-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K72T-000E BOARDCOM-ACPL-K72T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K74T-000E BOARDCOM-ACPL-K74T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M72T-000E AVAGO-ACPL-M72T-000E Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
Broadcom Corporation.
ACFL-6211T-000E BOARDCOM-ACFL-6211T-000E Datasheet
477Kb / 13P
   Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
ACFL-6212T-000E BOARDCOM-ACFL-6212T-000E Datasheet
477Kb / 13P
   Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com