Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS70 Datasheet(PDF) 8 Page - STMicroelectronics

Part # CS70
Description  High side current sense high voltage op amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CS70 Datasheet HTML 4Page - STMicroelectronics CS70 Datasheet HTML 5Page - STMicroelectronics CS70 Datasheet HTML 6Page - STMicroelectronics CS70 Datasheet HTML 7Page - STMicroelectronics CS70 Datasheet HTML 8Page - STMicroelectronics CS70 Datasheet HTML 9Page - STMicroelectronics CS70 Datasheet HTML 10Page - STMicroelectronics CS70 Datasheet HTML 11Page - STMicroelectronics CS70 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
CS70
8/24
DocID026041 Rev 1
Table 7. Output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Av
Gain
SEL1 = Gnd, SEL2 = Gnd
SEL1 = Gnd, SEL2 = Vcc+
SEL1 = Vcc+, SEL2 = Gnd
SEL1 = Vcc+, SEL2 = Vcc+
20
25
50
100
V/V
V
out/T
Output voltage drift vs. T(1)
Av = 50 V/V
Tmin < Tamb < Tmax
±240
ppm/°C
V
out/Iout
Output stage load regulation
-10 mA < Iout <10 mA
Iout sink or source current
Av = 50 V/V
0.3
±1.5
mV/mA
V
out
Total output voltage accuracy(2)
Vsense =50mV
(3) T
amb = 25 C
Tmin < Tamb < Tmax
±2.5
±4
%
V
out
Total output voltage accuracy
Vsense =90mV
(3) T
amb = 25 C
Tmin < Tamb < Tmax
±3.5
±5
V
out
Total output voltage accuracy
Vsense =20mV Tamb =25 C
Tmin < Tamb < Tmax
±3.5
±5
V
out
Total output voltage accuracy
Vsense =10mV Tamb =25 C
Tmin < Tamb < Tmax
±5.5
±8
V
out
Total output voltage accuracy
Vsense =5mV Tamb = 25 C
Tmin < Tamb < Tmax
±10
±22
Isc
Short-circuit current
OUT connected to VCC or GND
15
26
mA
VOH
Output stage high-state saturation
voltage
VOH =VCC-Vout
Vsense =1V
Iout =1 mA
85
135
mV
VOL
Output stage low-state saturation
voltage
Vsense =-1 V
Iout =1 mA
80
125
1.
See Section 5: Parameter definitions for the definition of output voltage drift versus temperature.
2.
Output voltage accuracy is the difference with the expected theoretical output voltage Vout-th=Av*Vsense. See Section 5 for
a more detailed definition.
3.
Except for Av = 100 V/V.


Similar Part No. - CS70

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA101KYGSA TDK-CS70-B2GA101KYGSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYNSA TDK-CS70-B2GA101KYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYVSA TDK-CS70-B2GA101KYVSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYGSA TDK-CS70-B2GA151KYGSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYNSA TDK-CS70-B2GA151KYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CS70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com