Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6010ACS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6010ACS8
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010ACS8 Datasheet(HTML) 3 Page - Linear Technology

  LT6010ACS8 Datasheet HTML 1Page - Linear Technology LT6010ACS8 Datasheet HTML 2Page - Linear Technology LT6010ACS8 Datasheet HTML 3Page - Linear Technology LT6010ACS8 Datasheet HTML 4Page - Linear Technology LT6010ACS8 Datasheet HTML 5Page - Linear Technology LT6010ACS8 Datasheet HTML 6Page - Linear Technology LT6010ACS8 Datasheet HTML 7Page - Linear Technology LT6010ACS8 Datasheet HTML 8Page - Linear Technology LT6010ACS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6010
3
6010f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; SHDN = 0.2V, unless otherwise
specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current (Note 7)
LT6010AS8
20
110
pA
TA = 0°C to 70°C
q
150
pA
TA = –40°C to 85°C
q
200
pA
LT6010S8
40
200
pA
TA = 0°C to 70°C
q
300
pA
TA = –40°C to 85°C
q
400
pA
LT6010ADD
20
200
pA
TA = 0°C to 70°C
q
300
pA
TA = –40°C to 85°C
q
400
pA
LT6010DD
40
300
pA
TA = 0°C to 70°C
q
400
pA
TA = –40°C to 85°C
q
500
pA
IB
Input Bias Current (Note 7)
LT6010AS8
20
±110
pA
TA = 0°C to 70°C
q
±150
pA
TA = –40°C to 85°C
q
±200
pA
LT6010S8
40
±200
pA
TA = 0°C to 70°C
q
±300
pA
TA = –40°C to 85°C
q
±400
pA
LT6010ADD
20
±200
pA
TA = 0°C to 70°C
q
±300
pA
TA = –40°C to 85°C
q
±400
pA
LT6010DD
40
±300
pA
TA = 0°C to 70°C
q
±400
pA
TA = –40°C to 85°C
q
±500
pA
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density
f = 1kHz
14
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.1
pA/
√Hz
RIN
Input Resistance
Common Mode, VCM = 1V to 3.8V
10
120
G
Differential
20
M
CIN
Input Capacitance
4pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
q
3.8
4
V
Input Voltage Range (Negative)
Guaranteed by CMRR
q
0.7
1
V
CMRR
Common Mode Rejection Ratio
VCM = 1V to 3.8V
q
107
135
dB
Minimum Supply Voltage
Guaranteed by PSRR
q
2.4
2.7
V
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 36V, VCM = 1/2VS
q
112
135
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VOUT = 1V to 4V
q
300
2000
V/mV
RL = 2k, VOUT = 1V to 4V
q
250
2000
V/mV
VOUT
Maximum Output Swing
No Load, 50mV Overdrive
35
55
mV
(Positive, Referred to V+)
q
65
mV
ISOURCE = 1mA, 50mV Overdrive
120
170
mV
q
220
mV
Maximum Output Swing
No Load, 50mV Overdrive
40
55
mV
(Negative, Referred to 0V)
q
65
mV
ISINK = 1mA, 50mV Overdrive
150
225
mV
q
275
mV


Similar Part No. - LT6010ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT6010 LINER-LT6010 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6010 LINER-LT6010 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Littelfuse
LT60100-1 LITTELFUSE-LT60100-1 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
More results

Similar Description - LT6010ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com