Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM300GA12E4 Datasheet(PDF) 2 Page - Semikron International

Part # SKM300GA12E4
Description  IGBT4 Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM300GA12E4 Datasheet(HTML) 2 Page - Semikron International

  SKM300GA12E4_13 Datasheet HTML 1Page - Semikron International SKM300GA12E4_13 Datasheet HTML 2Page - Semikron International SKM300GA12E4_13 Datasheet HTML 3Page - Semikron International SKM300GA12E4_13 Datasheet HTML 4Page - Semikron International SKM300GA12E4_13 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SKM300GA12E4
2
Rev. 4 – 21.08.2013
© by SEMIKRON
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC
IF = 300 A
VGE =0 V
chiplevel
Tj =25 °C
2.17
2.49
V
Tj =150 °C
2.11
2.42
V
VF0
chiplevel
Tj =25 °C
1.3
1.5
V
Tj =150 °C
0.9
1.1
V
rF
chiplevel
Tj =25 °C
2.9
3.3
m
Tj =150 °C
4.0
4.4
m
IRRM
IF = 300 A
di/dtoff =7300 A/µs
VGE =±15 V
VCC = 600 V
Tj =150 °C
345
A
Qrr
Tj =150 °C
54
µC
Err
Tj =150 °C
22.2
mJ
Rth(j-c)
per diode
0.17
K/W
Module
LCE
15
20
nH
RCC'+EE'
terminal-chip
TC =25°C
0.18
m
TC =125 °C
0.22
m
Rth(c-s)
per module
0.02
0.038
K/W
Ms
to heat sink M6
3
5
Nm
Mt
to terminals
M6
2.5
5
Nm
M4
1.1
2
Nm
w
330
g
SEMITRANS® 4
GA
IGBT4 Modules
SKM300GA12E4
Features
• IGBT4 = 4. generation medium fast
trench IGBT (Infineon)
• CAL4 = Soft switching 4. generation
CAL-diode
• Isolated copper baseplate using DBC
technology (Direct Bonded Copper)
• Increased power cycling capability
• With integrated gate resistor
• For higher switching frequenzies up to
12kHz
• UL recognized, file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Switched reluctance motor
Remarks
• Case temperature limited
to Tc = 125°C max.
• Recommended Top = -40 ... +150°C
• Product reliability results valid
for Tj = 150°C


Similar Part No. - SKM300GA12E4_13

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GA12E4_0906 SEMIKRON-SKM300GA12E4_0906 Datasheet
282Kb / 5P
   IGBT4 Modules
More results

Similar Description - SKM300GA12E4_13

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GB12E4 SEMIKRON-SKM300GB12E4 Datasheet
406Kb / 5P
   IGBT4 Modules
SKM400GAL12E4 SEMIKRON-SKM400GAL12E4 Datasheet
444Kb / 5P
   IGBT4 Modules
SKM400GAR12E4_0906 SEMIKRON-SKM400GAR12E4_0906 Datasheet
354Kb / 5P
   IGBT4 Modules
SKM600GA12E4_0906 SEMIKRON-SKM600GA12E4_0906 Datasheet
283Kb / 5P
   IGBT4 Modules
SKM600GA12E4 SEMIKRON-SKM600GA12E4_13 Datasheet
347Kb / 5P
   IGBT4 Modules
SKM300GB12E4 SEMIKRON-SKM300GB12E4_13 Datasheet
388Kb / 5P
   IGBT4 Modules
SKM300GB17E4 SEMIKRON-SKM300GB17E4 Datasheet
174Kb / 5P
   IGBT4 Modules
SKM300GB17E4H16 SEMIKRON-SKM300GB17E4H16 Datasheet
557Kb / 6P
   IGBT4 Modules
SKM400GA12E4 SEMIKRON-SKM400GA12E4_13 Datasheet
395Kb / 5P
   IGBT4 Modules
SKM400GAL17E4 SEMIKRON-SKM400GAL17E4 Datasheet
370Kb / 5P
   IGBT4 Modules
SKM100GB12T4 SEMIKRON-SKM100GB12T4 Datasheet
450Kb / 5P
   IGBT4 Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com