Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5502 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5502
Description  400MHz Quadrature IF Demodulator with RSSI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 3 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5502
3
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Current
vs Temperature
I/Q Output Swing vs Temperature
I/Q Output Swing vs IF Input Power
ELECTRICAL CHARACTERISTICS V
CC = 3V, f2XLO = 570MHz, P2XLO = – 10dBm, f IF = 280MHz,
PIF = –50dBm, TA = 25°C, unless otherwise noted. (Note 3)
(Note 3)
IF INPUT POWER (dBm)
–85
5
5502 G03
–70
–55
–40
–25
–10
1200
1000
800
600
400
200
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 3V
fIF = 280MHz
SUPPLY VOLTAGE (V)
1.8
5.5
5502 G01
2.5
3.5
4.5
36
32
28
24
20
16
TA = –40°C
TA = 25°C
TA = 85°C
SUPPLY VOLTAGE (V)
1.8
800
1000
5.5
5502 G02
600
400
2.5
3.5
4.5
1200
TA = –40°C
TA = 25°C
TA = 85°C
fIF = 280MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2XLO
f2XLO
Frequency Range
140 to 800
MHz
P2XLO
Input Power
–20
–5
dBm
DC Common Mode Voltage
2.6
V
Power Supply
VCC
Supply Voltage
1.8
5.25
V
ICC
Supply Current
EN = High
25
32
mA
IOFF
Shutdown Current
EN = Low; Standby = Low
1
100
µA
Standby Mode Current
EN = Low; Standby = High
2.6
3.5
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
a device may be impaired.
Note 2: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: Tests are performed as shown in the configuration of Figure 3.
Note 4: Tests are performed as shown in the configuration of Figure 1 for
IF input.


Similar Part No. - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
LT5502 LINER-LT5502 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
More results

Similar Description - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
   AGC and Quadrature IF Demodulator
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510 Datasheet
126Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
19-1296; Rev 1; 1/98
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com