Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT4220 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4220
Description  Dual Supply Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220 Datasheet(HTML) 2 Page - Linear Technology

  LT4220 Datasheet HTML 1Page - Linear Technology LT4220 Datasheet HTML 2Page - Linear Technology LT4220 Datasheet HTML 3Page - Linear Technology LT4220 Datasheet HTML 4Page - Linear Technology LT4220 Datasheet HTML 5Page - Linear Technology LT4220 Datasheet HTML 6Page - Linear Technology LT4220 Datasheet HTML 7Page - Linear Technology LT4220 Datasheet HTML 8Page - Linear Technology LT4220 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT4220
4220f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Operating Range
q
2.7
16.5
V
ICC
VCC Supply Current
q
2.7
4
mA
VEE
VEE Operating Range
q
–2.7
–16.5
V
IEE
VEE Supply Current
–1.6
–2.4
mA
VPLKO
VCC Undervoltage Lockout
q
2.35
2.45
2.55
V
VMLKO
VEE Undervoltage Lockout
q
–2.4
–2.45
–2.5
V
VON+H
ON+ ON Threshold
ON+ Rising
q
1.22
1.24
1.26
V
VON+HYS
ON+ Hysteresis
q
25
50
70
mV
∆VON+H
ON+ ON Threshold Line Regulation
VCC = 2.7V, VEE = –2.7V to VCC = 16.5V, VEE = –16.5V
q
0.02
0.15
mV/V
∆VON–H
ONON Threshold Line Regulation
VCC = 2.7V, VEE = –2.7V to VCC = 16.5V, VEE = –16.5V
q
0.05
1
mV/V
VON–HYS
ONHysteresis
q
25
50
70
mV
VON–H
ONON Voltage Threshold
ONFalling
q
–1.22
–1.24
–1.26
V
ION+
ON+ Input Current
VON+ = 2V
q
0.01
±1
µA
ION–
ONInput Current
VON– = GND
q
0.01
±1
µA
VFB+H
FB+ PWRGD Voltage Threshold
FB+ Rising
q
1.22
1.24
1.26
V
VFB+HYS
FB+ Hysteresis
Gate = 5V
q
25
50
70
mV
VFB–H
FBPWRGD Voltage Threshold
FB Falling
q
–1.22
–1.24
–1.26
V
VFB–HYS
FBHysteresis
Gate = 3V
q
25
50
70
mV
(Notes 1, 2)
VCC to GND ............................................................. 22V
VEE to GND ........................................................... –22V
TRACK, TIMER .............................. – 0.3V to VCC + 0.3V
ON+, FB+ ................................. VEE – 0.3V to VCC + 0.3V
ON, FB.................................. VEE – 0.3V to VCC + 0.3V
GATE+ ................................................ –0.3V to VCC + 8V
GATE.............................. –16.5V with VEE = –22V to 0V
SENSE+ ............................................. –0.3V to VCC + 5V
SENSE, SENSEK ....................... VEE – 0.3V to VEE + 3V
PWRGD, FAULT ................................. –0.3V to VCC + 5V
Operating Temperature Range
LT4220C ........................................... 0
°C ≤ TA ≤ 70°C
LT4220I ....................................... –40
°C ≤ TA ≤ 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT4220CGN
LT4220IGN
GN PART MARKING
4220
4220I
TJMAX = 125°C, θJA = 130°C/W
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VEE = –5V, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VEE
SENSEK
SENSE
GATE
FB
ON
TRACK
TIMER
VCC
SENSE+
GATE+
FB+
ON+
FAULT
PWRGD
GND
DC ELECTRICAL CHARACTERISTICS


Similar Part No. - LT4220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
More results

Similar Description - LT4220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4223-1 LINER-LTC4223-1 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com