Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1585CM-1.5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1585CM-1.5
Description  Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585CM-1.5 Datasheet(HTML) 6 Page - Linear Technology

  LT1585CM-1.5 Datasheet HTML 1Page - Linear Technology LT1585CM-1.5 Datasheet HTML 2Page - Linear Technology LT1585CM-1.5 Datasheet HTML 3Page - Linear Technology LT1585CM-1.5 Datasheet HTML 4Page - Linear Technology LT1585CM-1.5 Datasheet HTML 5Page - Linear Technology LT1585CM-1.5 Datasheet HTML 6Page - Linear Technology LT1585CM-1.5 Datasheet HTML 7Page - Linear Technology LT1585CM-1.5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1587-1.5
APPLICATIONS INFORMATION
regulation is limited by the resistance of the wire connect-
ing the regulators to the load. Load regulation per the data
sheet specification is measured at the bottom of the
package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the Ground pin of the device re-
turned to the negative side of the load. This is illustrated in
Figure 3.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for heat flow. Proper
mounting ensures the best thermal flow from this area of
the package to the heat sink. Linear Technology strongly
recommends thermal compound at the case-to-heat sink
interface. Use a thermally conductive spacer if the case of
the device must be electrically isolated and include its
contribution to the total thermal resistance. Please consult
“Mounting Considerations for Power Semiconductors”
1990 Linear Applications Handbook, Volume I, Pages
RR3-1 to RR3-20. The output connects to the case of the
device in the LT1587-1.5.
For example, using an LT1587CT-1.5 (TO-220, commer-
cial) and assuming:
VIN(Max Continuous) = 3.465V (3.3V + 5%), VOUT = 1.5V
IOUT = 3A
TA = 70°C, θHEAT SINK = 7°C/W
θCASE-TO-HEAT SINK = 1°C/W (with Thermal Compound)
Power dissipation under these conditions is equal to:
PD = (VIN – VOUT)(IOUT) = (3.465 – 1.5)(3A) = 5.895W
Junction temperature will be equal to:
TJ = TA + PDHEAT SINK + θCASE-TO-HEAT SINK + θJC)
For the Control Section:
TJ=70°C+5.895W(7°C/W+1°C/W+0.7°C/W)=121.3°C
121.3
°C < 125°C = TJMAX (Control Section Commercial
Range)
For the Power Transistor:
TJ = 70°C + 5.895W (7°C/W + 1°C/W + 3°C/W) = 134.8°C
134.8
°C < 150°C = TJMAX (Power Transistor Commercial
Range)
In both cases the junction temperature is below the maxi-
mum rating for the respective sections, ensuring reliable
operation.
Thermal Considerations
The LT1587-1.5 protects the device under overload condi-
tions with internal power and thermal limiting circuitry.
However, for normal continuous load conditions, do not
exceed maximum junction temperature ratings. It is impor-
tant to consider all sources of thermal resistance from
junction-to-ambient. These sources include the junction-
to-case resistance, the case-to-heat sink interface resis-
tance, and the heat sink resistance. Thermal resistance
specifications have been developed to more accurately
reflect device temperature and ensure safe operating tem-
peratures. The electrical characteristics section provides a
separate thermal resistance and maximum junction tem-
perature for both the control circuitry and the power
transistor. Older regulators with a single junction-to-case
thermal resistance specification, use an average of the two
values provided here and allow excessive junction tem-
peratures under certain conditions of ambient temperature
and heat sink resistance. Calculate the maximum junction
temperature for both sections to ensure that both thermal
limits are met.
LT1587-1.5
RP
PARASITIC
LINE RESISTANCE
GND
VIN
RL
IN
OUT
LT1587 • F03
Figure 3. Connection for Best Load Regulation


Similar Part No. - LT1585CM-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585CM-3.3 LINER-LT1585CM-3.3 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-3.3 LINER-LT1585CM-3.3 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-3.38 LINER-LT1585CM-3.38 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-3.38 LINER-LT1585CM-3.38 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-3.38 LINER-LT1585CM-3.38 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results

Similar Description - LT1585CM-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585-1.5 LINER-LT1585-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1587-1.5 LINER-LT1587-1.5_15 Datasheet
203Kb / 8P
   Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
LT1587-1.5 LINER-LT1587-1.5 Datasheet
197Kb / 8P
   Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com