Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRI64-A1T Datasheet(PDF) 9 Page - STMicroelectronics

Part # LRI64-A1T
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LRI64-A1T Datasheet HTML 5Page - STMicroelectronics LRI64-A1T Datasheet HTML 6Page - STMicroelectronics LRI64-A1T Datasheet HTML 7Page - STMicroelectronics LRI64-A1T Datasheet HTML 8Page - STMicroelectronics LRI64-A1T Datasheet HTML 9Page - STMicroelectronics LRI64-A1T Datasheet HTML 10Page - STMicroelectronics LRI64-A1T Datasheet HTML 11Page - STMicroelectronics LRI64-A1T Datasheet HTML 12Page - STMicroelectronics LRI64-A1T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9/38
LRI64
VCD TO LRI64 FRAMES
Request Frames are delimited by a Start of Frame
(SOF) and an End of Frame (EOF) and are imple-
mented using a code violation mechanism. Un-
used options are reserved for future use.
The LRI64 is ready to receive a new command
frame from the VCD after a delay of t2 (see Table
14.) after having sent a response frame to the
VCD.
The LRI64 generates a Power On delay of tPOR
(see Table 14.) after being activated by the power-
ing field. After this delay, the LRI64 is ready to re-
ceive a command frame from the VCD.
In ISO 15693 and ISO 18000-3 Mode 1 standards,
the SOF is used to define the data coding mode
that the VCD is going to use in the following com-
mand frame.
The SOF that is shown in Figure 8. selects the “1-
out-of-4” data coding mode. (The LRI64 does not
support the SOF for the “1-out-of-256” data coding
mode.)
The corresponding EOF sequence is shown in
Figure 9.
Figure 8. Request SOF, using the “1-out-of-4” Data Coding Mode
Figure 9. Request EOF
AI06660
37.76 µs
9.44 µs
9.44 µs
37.76 µs
9.44 µs
AI06662
9.44 µs
37.76 µs
9.44 µs


Similar Part No. - LRI64-A1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64-A1T STMICROELECTRONICS-LRI64-A1T Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64-A1T STMICROELECTRONICS-LRI64-A1T Datasheet
466Kb / 52P
   Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
More results

Similar Description - LRI64-A1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64 STMICROELECTRONICS-LRI64_07 Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
   Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
   Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
   13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
   Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
July 2002
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
   13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
   13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
   13.56MHz RFID TAG IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com