Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3636 Datasheet(PDF) 5 Page - ams AG

Part # AS3636
Description  Photosensor support
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 5 Page - ams AG

  AS3636 Datasheet HTML 1Page - ams AG AS3636 Datasheet HTML 2Page - ams AG AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
5 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
fCLK
Operating Frequency
All internal timings are
derived from this oscillator
-30ºC - 85ºC
-7.5%
2.0
+7.5%
MHz
TJ=0ºC - 75ºC
-5.0%
+5.0%
AF LED Driver
IVLED
VLED current source
output
Adjustable by AF_LED_current,
limited to Max_LED_current
10.0
80.0
mA
IVLED
Δ
VLED current source
accuracy
-7.5
+7.5
%
VVLED
VLED forward voltage
1.7
3.6
V
VVLED_COM
P
Current Source
Compliance
VOUTBOOST-VLED current source voltage
compliance
200
350
mV
Red privacy indicator LED (pin IND)
IIND
IND current source
output
adjustable by IND_LED_current
VBATINT > 2.7V, indicator LED forward voltage
between 1.3V and 2.4V (e.g. use red LED)
216
mA
IIND
Δ
IND current source
accuracy
-10
+10
%
IGBT Driver (pin IGBT_GATE)
RIGBT_GATE
Output driver series
resistance
measured at IGBT_fall_speed2zero=50mA,
V(IGBT_GATE)=0.8V
17
20
23
Ω
all current settings and output voltages
17
20
Ω
IIGBT_RISE
IGBT_GATE rise
current
For a IGBT with 10nF gate capacitance results
in 0.5V/µs(5mA)...8V/µs(80mA); adjustable by
IGBT_rise_and_fall_speed,
IGBT_fall_speed2zero, IGBT_fall2zero_slow
Driving to VVOUTBOOST (typ. 5.0V, DCDC in
voltage feedback mode)
10
80
mA
IIGBT_FALL
IGBT_GATE fall
current
580
mA
Protection and Fault Detection Functions
VVOUTBOOS
TMAX
DCDC Boost
maximum voltage
in current feedback mode
4.75
5.5
V
ILIMIT
Current Limit for coil
LBOOST (Pin SW_B)
measured at 50%
PWM duty cycle
3
coil_peak_current=
00b
-10%
0.25
+10%
A
01b
0.3
10b
0.35
11b
0.4
VVLEDSHOR
T
AF LED short circuit
detection voltage
Voltage measured on pin VLED
1.2
1.65
V
VVLEDOPEN
AF LED open circuit
detection voltage
Voltage measured on pin VLED
4.0
V
VINDSHORT
Indicator LED short
circuit detection
voltage
Voltage measured on pin IND
0.7
1.2
V
IIND_OUT
OPEN
IND current open
detection
Detection threshold for open indicator
detection on pin IND
45
% of
IIND_O
UT
Digital Interface
VIH
High Level Input
Voltage
Pins SDA, SCL, TORCH
1.26
VBAT
V
VIL
Low Level Input
Voltage
0.0
0.54
V
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - AS3636

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
   8A Supercap Flash Driver
AS3630-ZWLT AMSCO-AS3630-ZWLT Datasheet
763Kb / 72P
   8A Supercap Flash Driver
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635B-ZWLT AMSCO-AS3635B-ZWLT Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
More results

Similar Description - AS3636

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
   Reflective Photosensor
CNB2003 PANASONIC-CNB2003 Datasheet
97Kb / 3P
   Reflective photosensor
CNB1303 PANASONIC-CNB1303 Datasheet
48Kb / 2P
   Reflective Photosensor
CNZ2153 PANASONIC-CNZ2153 Datasheet
91Kb / 3P
   Reflective Photosensor
logo
Hamamatsu Corporation
H7844 HAMAMATSU-H7844_15 Datasheet
142Kb / 4P
   PHOTOSENSOR MODULE
H12056-01 HAMAMATSU-H12056-01 Datasheet
104Kb / 2P
   Photosensor Modules
H7422 HAMAMATSU-H7422 Datasheet
160Kb / 4P
   Photosensor Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com