Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8586 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8586
Description  Output voltage adjustable from 0.8 to 30 V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8586 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8586 Datasheet HTML 5Page - Allegro MicroSystems A8586 Datasheet HTML 6Page - Allegro MicroSystems A8586 Datasheet HTML 7Page - Allegro MicroSystems A8586 Datasheet HTML 8Page - Allegro MicroSystems A8586 Datasheet HTML 9Page - Allegro MicroSystems A8586 Datasheet HTML 10Page - Allegro MicroSystems A8586 Datasheet HTML 11Page - Allegro MicroSystems A8586 Datasheet HTML 12Page - Allegro MicroSystems A8586 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Wide Input Voltage, Adjustable Frequency,
3.5 Amp Buck Regulator
A8586, A8586-1,
A8586-2
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Freewheeling Diode Protection
If the freewheeling diode is missing or damaged (open), the SW
pin is subject to unusually high negative voltages. This nega-
tive voltage may cause the device to malfunction and could lead
to damage. The A8586 includes protection circuitry to detect
when the freewheeling diode is missing. If the SW pin is below
−1.25 V typically, for more than 50 ns typically, the device enters
hiccup mode after detecting 1 missing diode fault. Also, if the
freewheeling diode is shorted, the device experiences extremely
high currents through the high-side MOSFET. If this occurs, the
device enters hiccup mode after detecting 1 shorted diode fault.
Overvoltage Protection (OVP)
The A8586 provides an always-on overvoltage protection that
monitors VOUT, to protect against VOUT rising up at light loads
due to high side switch leakage. In this case, the high-side switch
is forced off and the low-side switch continues to operate and can
correct the OVP condition provided only a few milliamperes of
pull-down current are required. When the condition causing the
overvoltage is corrected, the regulator automatically recovers.
Pin-to-Ground and Pin-to-Pin Short Protec-
tions
The A8586 is designed to satisfy the most demanding automotive
applications. For example, the device is carefully designed funda-
mentally to withstand a short circuit to ground at each pin without
suffering damage. In addition, care was taken when defining the
device pin-out to optimize protection against adjacent pin-to-
pin short circuits. For example, logic pins and high-voltage pins
are separated as much as possible. Inevitably, some low-voltage
pins had to be located adjacent to high-voltage pins, but in
these instances the low-voltage pins are designed to withstand
increased voltages, with clamps and/or series input resistance, to
prevent damage to the device.
Startup and Shutdown
If both VIN and VEN are higher than their appropriate thresholds,
the chip starts. The reference block starts first, generating stable
reference voltage and currents, and then the internal regulator is
enabled. The regulator provides stable supply for the remaining
circuits.
When the internal soft-start block is enabled, it first holds its SS
output low to ensure the remaining circuits are ready and then
slowly ramps up.
Three events can shut down the chip: EN low, VIN low and ther-
mal shutdown. In the shutdown procedure, power MOSFET is
turned off first to avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
Programmable Oscillator
A resistor (RFREQ) from FREQ to ground sets the operation
frequency of the A8586. The Applications Information section
details the selection of this resistor.
Frequency Dithering (A8586, A8586-2)
The A8586 and A8586-2 include a dithering function, which
changes the switching frequency within a certain frequency
range. By shifting the switching frequency of the regulator in a
triangle fashion around the programmed switching frequency, the
overall system noise magnitude can be greatly reduced.
The dithering sweep is internally set at ±8%. The switching
frequency will ramp from a low of 0.92 times the programmed
frequency to a high of 1.08 times the programmed frequency. The
rate or modulation at which the frequency sweeps is governed by
an internal 12 kHz triangle pattern.


Similar Part No. - A8586

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8580 ALLEGRO-A8580 Datasheet
3Mb / 41P
   PWM/PFMn mode control input pin
A8580KLPTR-T ALLEGRO-A8580KLPTR-T Datasheet
3Mb / 41P
   PWM/PFMn mode control input pin
A8582 ALLEGRO-A8582 Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8582KLPTR-T ALLEGRO-A8582KLPTR-T Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
More results

Similar Description - A8586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
   Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
Maxim Integrated Produc...
MAX20098EVKIT MAXIM-MAX20098EVKIT Datasheet
1Mb / 8P
   Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19
logo
IK Semicon Co., Ltd
IN74LS07 IKSEMICON-IN74LS07 Datasheet
169Kb / 4P
   High Output Voltage 30 V
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
   Output Voltages from 2.5 V to 48 V
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
logo
STMicroelectronics
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
   Adjustable output voltage
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com