Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8519KETTR-R-1 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8519KETTR-R-1 Datasheet HTML 1Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 2Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table of Contents
Specifications
2
Selection Guide
2
Absolute Maximum Ratings
2
Thermal Characteristics
3
Functional Block Diagram
4
Pinout Diagrams and Terminal List
5
Characteristic Performance
10
Functional Description
12
Enabling the IC
12
Powering Up: LED Pin Short-to-GND Check
12
Powering Up: Boost Output Undervoltage
13
Soft-Start Function
14
Frequency Selection
14
SYNC
14
LED Current Setting and LED Dimming
15
PWM Dimming
16
APWM Pin
17
Extending LED Dimming Ratio
18
Analog Dimming
18
LED Short Detect
19
Overvoltage Protection
20
Boost Switch Overcurrent Protection
21
Input Overcurrent Protection and Disconnect Switch
22
Setting the Current Sense Resistor
22
Input UVLO
22
VDD
23
Shutdown
23
Dithering Feature
24
Fault Protection During Operation
25
Application Information
28
Design Example
32
Package Outline Drawings
33
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information.
Characteristic
Symbol
Test Conditions [1]
Value
Unit
Package Thermal Resistance
RθJA
LP Package on 2-layer 3 in2 PCB
40
°C/W
ET Package on 2-layer 3 in2 PCB
Contact factory
°C/W
LP Package on 4-layer PCB Based on JEDEC Standards
29
°C/W
ET Package on 4-layer PCB Based on JEDEC Standards
32
°C/W
1
Additional thermal information available on the Allegro website.


Similar Part No. - A8519KETTR-R-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8519KETTR-R-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8518 ALLEGRO-A8518 Datasheet
1Mb / 30P
   Fully integrated 42 V MOSFET for boost converter
logo
Texas Instruments
TPS552872 TI1-TPS552872 Datasheet
2Mb / 35P
[Old version datasheet]   TPS552872, 36-V, 4-A, Fully Integrated Buck-boost Converter
AUGUST 2023
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
[Old version datasheet]   TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
TPS552892 TI-TPS552892_V01 Datasheet
2Mb / 37P
[Old version datasheet]   TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
   20V, 14A fully integrated synchronous boost converter
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
   13V, 10A fully integrated synchronous boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com