Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8580 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8580
Description  PWM/PFMn mode control input pin
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8580 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A8580 Datasheet HTML 4Page - Allegro MicroSystems A8580 Datasheet HTML 5Page - Allegro MicroSystems A8580 Datasheet HTML 6Page - Allegro MicroSystems A8580 Datasheet HTML 7Page - Allegro MicroSystems A8580 Datasheet HTML 8Page - Allegro MicroSystems A8580 Datasheet HTML 9Page - Allegro MicroSystems A8580 Datasheet HTML 10Page - Allegro MicroSystems A8580 Datasheet HTML 11Page - Allegro MicroSystems A8580 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Wide Input Voltage, 2.4 MHz, 2.5 AAsynchronous Buck Regulator
With Low-IQ Standby, Sleep Mode, External Synchronization, and NPOR Output
A8580
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Error Amplifier
Feedback Input Bias Current2
IFB
–38
–16
nA
Open Loop Voltage Gain
AVOL
VCOMP = 1.2 V
65
dB
Transconductance
gm
400 mV < VFB
550
750
950
μA/V
0 V < VFB < 400 mV
275
375
475
μA/V
Output Current
IEA
VCOMP = 1.2 V
±75
μA
COMP Pull-Down Resistance
RCOMP
FAULT = 1 or HICCUP = 1
1
KΩ
Pulse Width Modulation (PWM)
PWM Ramp Offset
PWMOFFS VCOMP level required for 0% duty cycle
400
mV
Minimum Controllable PWM On-Time tON(MIN)PWM
12 V < VIN < 16 V, IOUT = 1 A,
VBOOT – VSW = 4.5 V
95
135
ns
Minimum Switch Off-Time
tOFF(MIN)PWM
95
130
ns
COMP to SW Current Gain
gmPOWER
2.85
A/V
Slope Compensation3
SE
fOSC = 2.44 MHz
2.1
3.0
3.9
A/μs
fOSC = 1.00 MHz
0.60
0.91
1.2
A/μs
fOSC = 252 kHz
0.14
0.20
0.26
A/μs
MOSFET Parameters1
High-Side MOSFET On-Resistance5
RDS(on)HS
TJ =25ºC, VBOOT – VSW = 4.5 V, IDS = 0.4 A
110
125
mΩ
TJ =150ºC, VBOOT – VSW = 4.5 V, IDS = 0.4 A
190
215
mΩ
High-Side MOSFET Leakage2,6
Ilkg(HS)
TJ < 85°C, VSLEEPn ≤ 0.5 V, VSW = 0 V,
VIN = 16 V
10
µA
TJ ≤ 150°C, VSLEEPn ≤ 0.5 V, VSW = 0 V,
VIN = 16 V
60
150
µA
SW Node Slew Rate3
SRSW
12 V < VIN < 16 V
0.72
V/ns
Low-Side MOSFET On-Resistance5
RDS(on)LS TJ = 25ºC, VIN ≥ 6 V, IDS = 0.1 A
10
Ω
PWM Switching Frequency
Base PWM Switching Frequency
fOSC
RFSET = 8.06 kΩ, VPWM/PFMn= high
2.20
2.44
2.70
MHz
RFSET = 23.7 kΩ, VPWM/PFMn= high
0.90
1.00
1.10
MHz
RFSET = 102 kΩ, VPWM/PFMn= high
252
kHz
PWM Synchronization Timing
Synchronization Frequency Range
fSYNC(MULT)
1.2 ×
fOSC(typ)
1.5 ×
fOSC(typ)
Synchronized PWM Frequency
fSYNC(PWM)
2.9
MHz
Synchronization Input Duty Cycle
DSYNC
80
%
Synchronization Input Pulse Width
twSYNC
200
ns
Synchronization Input Rise Time3
trSYNC
10
15
ns
Synchronization Input Fall Time3
tfSYNC
10
15
ns
Continued on the next page…
ELECTRICAL CHARACTERISTICS (continued): valid at 4.0 V ≤ VIN ≤ 35 V, –40°C ≤ TA = TJ ≤ 150°C; unless otherwise speci-
fied


Similar Part No. - A8580

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8582 ALLEGRO-A8582 Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8582KLPTR-T ALLEGRO-A8582KLPTR-T Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583KLPTR-T ALLEGRO-A8583KLPTR-T Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8584 ALLEGRO-A8584 Datasheet
725Kb / 32P
   The A8584 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
More results

Similar Description - A8580

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com