Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6595 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6595
Description  8-Bit Serial Input DMOS Power Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6595 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6595 Datasheet HTML 2Page - Allegro MicroSystems A6595 Datasheet HTML 3Page - Allegro MicroSystems A6595 Datasheet HTML 4Page - Allegro MicroSystems A6595 Datasheet HTML 5Page - Allegro MicroSystems A6595 Datasheet HTML 6Page - Allegro MicroSystems A6595 Datasheet HTML 7Page - Allegro MicroSystems A6595 Datasheet HTML 8Page - Allegro MicroSystems A6595 Datasheet HTML 9Page - Allegro MicroSystems A6595 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8-Bit Serial Input DMOS Power Driver
A6595
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TERMINAL DESCRIPTIONS
Terminal No.
Terminal Name
Function
1
POWER GROUND
Reference terminal for output voltage measurements (OUT0-3).
2
LOGIC SUPPLY
(VDD) The logic supply voltage (typically 5 V).
3
SERIAL DATA IN
Serial-data input to the shift-register.
4-7
OUT0-3
Current-sinking, open-drain DMOS output terminals.
8
CLEAR
When (active) low, the registers are cleared (set low).
9
OUTPUT ENABLE
When (active) low, the output drivers are enabled; when high, all output driv-
ers are turned OFF (blanked).
10
POWER GROUND
Reference terminal for output voltage measurements (OUT0-3).
11
POWER GROUND
Reference terminal for output voltage measurements (OUT0-7).
12
STROBE
Data strobe input terminal; shift register data is latched on rising edge.
13
CLOCK
Clock input terminal for data shift on rising edge.
14-17
OUT4-7
Current-sinking, open-drain DMOS output terminals.
18
SERIAL DATA OUT
CMOS serial-data output to the following shift register.
19
LOGIC GROUND
Reference terminal for input voltage measurements.
20
POWER GROUND
Reference terminal for output voltage measurements (OUT4-7).
NOTE — Grounds (terminals 1, 10, 11, 19, and 20) must be connected together externally.


Similar Part No. - A6595

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6595KA ALLEGRO-A6595KA Datasheet
167Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
A6595KLW ALLEGRO-A6595KLW Datasheet
167Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
More results

Similar Description - A6595

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B595 ALLEGRO-6B595 Datasheet
136Kb / 12P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
A6B595KLW-T ALLEGRO-A6B595KLW-T Datasheet
343Kb / 10P
   8-Bit Serial-Input DMOS Power Driver
6595 ALLEGRO-6595 Datasheet
167Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
6A595 ALLEGRO-6A595 Datasheet
176Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
March 22, 2000
A6A595 ALLEGRO-A6A595 Datasheet
217Kb / 11P
   8-Bit Serial Input, DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com