Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6273KA Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A6273KA
Description  8-Bit Latched, DMOS Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6273KA Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A6273KA Datasheet HTML 3Page - Allegro MicroSystems A6273KA Datasheet HTML 4Page - Allegro MicroSystems A6273KA Datasheet HTML 5Page - Allegro MicroSystems A6273KA Datasheet HTML 6Page - Allegro MicroSystems A6273KA Datasheet HTML 7Page - Allegro MicroSystems A6273KA Datasheet HTML 8Page - Allegro MicroSystems A6273KA Datasheet HTML 9Page - Allegro MicroSystems A6273KA Datasheet HTML 10Page - Allegro MicroSystems A6273KA Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6273
8-BIT LATCHED
DMOS POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TERMINAL DESCRIPTIONS
Terminal No.
Terminal Name
Function
1
CLEAR
When (active) LOW, all latches are reset and all outputs go HIGH (turn OFF).
2
IN1
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN1 = HIGH, OUT1 = LOW).
3
IN2
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN2 = HIGH, OUT2 = LOW).
4
OUT1
Current-sinking, open-drain DMOS output.
5
OUT2
Current-sinking, open-drain DMOS output.
6
OUT3
Current-sinking, open-drain DMOS output.
7
OUT4
Current-sinking, open-drain DMOS output.
8
IN3
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN3 = HIGH, OUT3 = LOW).
9
IN4
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN4 = HIGH, OUT4 = LOW).
10
GROUND
Reference terminal for all voltage measurements.
11
STROBE
A CMOS dynamic input to all latches. Data on each INx terminal is loaded
into its associated latch on a low-to-high STROBE transition.
12
IN5
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN5 = HIGH, OUT5 = LOW).
13
IN6
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN6 = HIGH, OUT6 = LOW).
14
OUT5
Current-sinking, open-drain DMOS output.
15
OUT6
Current-sinking, open-drain DMOS output.
16
OUT7
Current-sinking, open-drain DMOS output.
17
OUT8
Current-sinking, open-drain DMOS output.
18
IN7
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN7 = HIGH, OUT7 = LOW).
19
IN8
CMOS data input to a latch. When strobed, the output then inverts the data
input (IN8 = HIGH, OUT8 = LOW).
20
LOGIC SUPPLY
(VDD) The logic supply voltage (typically 5 V).


Similar Part No. - A6273KA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6273KA ALLEGRO-A6273KA Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
More results

Similar Description - A6273KA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com