Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6273 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6273
Description  8-Bit Latched, DMOS Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6273 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6273 Datasheet HTML 1Page - Allegro MicroSystems A6273 Datasheet HTML 2Page - Allegro MicroSystems A6273 Datasheet HTML 3Page - Allegro MicroSystems A6273 Datasheet HTML 4Page - Allegro MicroSystems A6273 Datasheet HTML 5Page - Allegro MicroSystems A6273 Datasheet HTML 6Page - Allegro MicroSystems A6273 Datasheet HTML 7Page - Allegro MicroSystems A6273 Datasheet HTML 8Page - Allegro MicroSystems A6273 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6273
8-BIT LATCHED
DMOS POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2002 Allegro MicroSystems, Inc.
LOGIC SYMBOL
C1
R
1D
4
5
6
7
14
15
16
17
1
2
11
Dwg. FP-046-1A
1D
3
1D
8
1D
9
1D
12
1D
13
1D
18
1D
19
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°°°°C
2.0
1.5
1.0
25
Dwg. GS-004B
SUFFIX
'LW',
R
= 90
°C/W
θJA
SUFFIX
'A',
R
=
55
°C/W
θJA
FUNCTION TABLE
Inputs
CLEAR
STROBE
INX
OUTX
LX
X
H
HH
L
HL
H
HLX
R
L = Low Logic Level
H = High Logic Level
X = Irrelevant
R = Previous State
DMOS POWER DRIVER OUTPUT
LOGIC INPUTS
IN
Dwg. EP-010-16
V
DD
Dwg. EP-063
OUT


Similar Part No. - A6273

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308M AMICC-A627308M Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308M-70S AMICC-A627308M-70S Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308V AMICC-A627308V Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308V-70S AMICC-A627308V-70S Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results

Similar Description - A6273

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com