Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4934GLPTR-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4934GLPTR-T
Description  Three-Phase Sensorless Fan Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4934GLPTR-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4934GLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4934GLPTR-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS Valid at TA = 25°C, VBB = 12 V; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VBB Supply Current
IBB
2.5
5
mA
IBBST
Standby mode, PWM = 0 V, SLEW = FC = O/C
25
50
μA
Total Driver RDS(on) (Sink + Source)
RDS(on)
I = 800 mA, TJ = 25°C
750
Overcurrent Threshold
VOCL
180
200
220
mV
PWM Low Level
VIL
––2
V
PWM High Level
VIH
0.8
V
Input Hysteresis
VHYS
300
mV
Logic Input Current
IIN
PWM, FC VIN = 0 V
–20
μA
SLEW
–50
μA
Output Saturation Voltage
VSAT
I = 5 mA
0.3
V
FG Output Leakage
IFG
V = 16 V
1
μA
Protection Circuitry
Lock Protection
ton
–2–
s
toff
–5–
s
Thermal Shutdown Temperature
TJTSD
Temperature increasing
150
165
180
°C
Thermal Shutdown Hysteresis
TJHYS
Recovery = TJTSD – ∆TJ
–15–°C
VBB Undervoltage Lockout (UVLO)
VUVLO
VBB rising
6.3
V
VBB Undervoltage Lockout (UVLO)
Hysteresis
VUVLOHYS
0.56
V
Three-Phase Sensorless Fan Driver
A4934
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A4934GLPTR-T

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A493-0005-A3 BEL-A493-0005-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0007-A3 BEL-A493-0007-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0010-A3 BEL-A493-0010-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0012-A3 BEL-A493-0012-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0015-A3 BEL-A493-0015-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
More results

Similar Description - A4934GLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4941 ALLEGRO-A4941_16 Datasheet
225Kb / 9P
   Three-Phase Sensorless Fan Driver
A4941GLPTR-T ALLEGRO-A4941GLPTR-T Datasheet
225Kb / 9P
   Three-Phase Sensorless Fan Driver
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
   Three Phase Sensorless Sinusoidal Fan Driver
A4942GESTR-T ALLEGRO-A4942GESTR-T Datasheet
108Kb / 1P
   A4942 Three-Phase Sensorless Fan Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
Eutech Microelectronics...
EUM6801 EUTECH-EUM6801 Datasheet
141Kb / 1P
   3-Phase Sensorless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com