Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4923GETTR-R Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 10Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package ET, 32-Pin QFN
with Exposed Thermal Pad
32
32
2
1
2
1
A
A Terminal #1 mark area
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
For Reference Only; not for tooling use
(reference JEDEC MO-220VHHD-5)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown
C Reference land pattern layout (reference
IPC7351 QFN50P500X500X100-33V6M);
All pads a minimum of 0.20 mm from all adjacent pads; adjust as
necessary to meet application process requirements and PCB layout
tolerances; when mounting on a multilayer PCB, thermal vias at the
exposed thermal pad land can improve thermal dissipation (reference
EIA/JEDEC Standard JESD51-5)
B
32
2
1
PCB Layout Reference View
3.40
3.40
0.50 BSC
5.00 ±0.05
5.00 ±0.05
0.90 ±0.10
0.25
+0.05
-0.07
0.40 ±0.10
3.40
3.40
0.30
1
0.50
1.00
5.00
5.00
C
C
0.08
33X
SEATING
PLANE
C
D
D Coplanarity includes exposed thermal pad and terminals
For the sidewall plating PCB footprint, see:
http://www.allegromicro.com/en/Design-Center/Packaging.aspx


Similar Part No. - A4923GETTR-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A492 TOSHIBA-A492 Datasheet
136Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4926KLPTR-T ALLEGRO-A4926KLPTR-T Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
A4927KLPTR-T ALLEGRO-A4927KLPTR-T Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
More results

Similar Description - A4923GETTR-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
   3-Phase Sinusoidal BLDC Motor Controller
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
   3-Phase Sinusoidal BLDC Motor Controller
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
   3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
   3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
   3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
   3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
   3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
   Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com