Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4923 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4923
Description  3-Phase Sinusoidal Motor Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4923 Datasheet HTML 1Page - Allegro MicroSystems A4923 Datasheet HTML 2Page - Allegro MicroSystems A4923 Datasheet HTML 3Page - Allegro MicroSystems A4923 Datasheet HTML 4Page - Allegro MicroSystems A4923 Datasheet HTML 5Page - Allegro MicroSystems A4923 Datasheet HTML 6Page - Allegro MicroSystems A4923 Datasheet HTML 7Page - Allegro MicroSystems A4923 Datasheet HTML 8Page - Allegro MicroSystems A4923 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Terminal List Table
Name
Function
Number
Name
Function
Number
HC-
Analog hall input C
1
SC
High-side source connection C
17
HA+
Analog hall input A
2
GLC
Low-side gate drive C
18
HB+
Analog hall input B
3
GLB
Low-side gate drive B
19
HC+
Analog hall input C
4
GLA
Low-side gate drive A
20
VREG3.3
3.3V regulator capacitor terminal
5
LSS
Low-side sense resistor connection
21
GND
Ground
6
No connect
22
VREG7.2
7.2V regulator capacitor terminal
7
No connect
23
CP1
Charge pump capacitor terminal
8
No connect
24
CP2
Charge pump capacitor terminal
9
STARTn
Digital start input
25
VCP
Charge pump reservoir cap terminal
10
DIR
Digital direction input
26
VBB
Supply voltage
11
BRAKE
Digital brake input
27
GHA
High-side gate drive A
12
TEST1
ATE terminal, can be left open or
connected to GND
28
SA
High-side source connection A
13
FGO
Digital motor-speed output
29
GHB
High-side gate drive B
14
TEST2
ATE terminal, can be left open or
connected to GND
30
SB
High-side source connection B
15
HA-
Analog hall input A
31
GHC
High-side gate drive C
16
HB-
Analog hall input B
32
PAD
-
1
HC-
PAD
24
No Connect
2
HA+
23
No Connect
3
HB+
22
No Connect
4
HC+
21
LSS
5
VREG3.3
20
GLA
6
GND
19
GLB
7
VREG7.2
18
GLC
8
CP1
17
SC
Pin-out Diagrams
ET Package


Similar Part No. - A4923

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A492 TOSHIBA-A492 Datasheet
136Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4926KLPTR-T ALLEGRO-A4926KLPTR-T Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
A4927KLPTR-T ALLEGRO-A4927KLPTR-T Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
More results

Similar Description - A4923

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
   3-Phase Sinusoidal BLDC Motor Controller
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
   3-Phase Sinusoidal BLDC Motor Controller
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
   3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
   3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
   3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
   3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
   3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
   Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com