Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4411KLVTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4411KLVTR-T
Description  Automotive AEC-Q100 qualified
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4411KLVTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4411KLVTR-T Datasheet HTML 1Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 2Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 3Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 4Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 5Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 6Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 7Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 8Page - Allegro MicroSystems A4411KLVTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Adjustable Frequency Buck or Buck-Boost Pre-Regulator with a
Synchronous Buck, 3 LDOs, Pulse-Width Window Watchdog, NPOR, and POK5V
A4411
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SELECTION GUIDE
Part Number
Temperature Range
Package
Packing1
Lead Frame
A4411KLVTR-T
–40 to 135°C
38-pin eTSSOP with thermal pad 4000 pieces per 7-inch reel
100% matte tin
1
Contact Allegro for additional packing options.
• High-voltage ignition enable input (ENBAT)
• ENBAT status indicator output (ENBATS)
• SLEW rate control pin helps reduce EMI/EMC
• Frequency dithering helps reduce EMI/EMC
• OV and UV protection for all four CPU supply rails
• Pin-to-pin and pin-to-ground tolerant at every pin
• Thermal shutdown protection
• −40°C to 150°C junction temperature range
Protectionfeaturesincludeunder-andovervoltagelockoutonallfour
CPU supply rails. In case of a shorted output, all linear regulators
feature foldback overcurrent protection. In addition, the V5P output
is protected from a short-to-battery event. Both switching regulators
include pulse-by-pulse current limit, hiccup mode short-circuit
protection,LXshort-circuitprotection,missingasynchronousdiode
protection (VREG only), and thermal shutdown.
The A4411 is supplied in a low-profile 38-lead eTSSOP package
(suffix “LV”) with exposed power pad.
FEATURES AND BENEFITS (continued)
DESCRIPTION (continued)
Table of Contents
Features and Benefits
1
Description
1
Applications
1
Package
1
Simplified Block Diagram
1
Selection Guide
2
Specifications
3
Absolute Maximum Ratings
3
Thermal Characteristics
3
Functional Block Diagrams
4
Pinout Diagram and Terminal List Table
7
Electrical Characteristics
8
Adjustable Synchronous Buck Regulator
11
Linear Regulator (LDO)
13
Control Inputs
14
Diagnostic Outputs
15
Pulse Width Window Watchdog Timer (PWWD)
17
Functional Description
18
Overview
18
Buck-Boost Pre-Regulator (VREG)
18
Adjustable Synchronous Buck Regulator (ADJ)
18
Low Dropout Regulators (LDOs)
19
Tracking Input (TRACK)
19
Pulse-Width Window Watchdog (PWWD)
20
Dual Bandgaps (BGVREF, BGFAULT)
21
Adj. Frequency and Synchronization (FSET/SYNC)
21
Frequency Dithering and LX1 Slew Rate Control
21
Enable Inputs (ENB, ENBAT)
22
Bias Supply (VCC)
22
Charge Pump (VCP, CP1, CP2)
22
Startup and Shutdown Sequences
22
Fault Reporting (NPOR, POK5V)
22
Timing Diagrams
26
Design and Component Selection
33
PWM Switching Frequency (RFSET)
33
Charge Pump Capacitors
33
Pre-Regulator Output Inductor (L1)
33
Pre-Regulator Output Capacitance
33
Pre-Regulator Ceramic Input Capacitance
34
Pre-Regulator Asynchronous Diode (D1)
34
Pre-Regulator Boost MOSFET (Q1)
34
Pre-Regulator Boost Diode (D2)
34
Pre-Regulator Soft-Start and Hiccup Timing (CSS1)34
Pre-Regulator Compensation (RZ1, CZ1, CP1)
35
Synchronous Buck Component Selection
36
Setting the Output Voltage (RFB1 and RFB2)
36
Synchronous Buck Output Inductor (L2)
36
Synchronous Buck Output Capacitance
37
Synchronous Buck Compensation (RZ2, CZ2, CP2) 37
Synchronous Buck Soft-Start and Hiccup Timing
38
Linear Regulators
38
Internal Bias (VCC)
38
Signal Pins (NPOR, POK5V, WDOUT, ENBATS)
38
PCB Layout Recommendations
39
Package Outline Drawing
44


Similar Part No. - A4411KLVTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
A4410KLVTR-T ALLEGRO-A4410KLVTR-T Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
A4412 ALLEGRO-A4412 Datasheet
3Mb / 53P
   Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
A4412KLVTR-T ALLEGRO-A4412KLVTR-T Datasheet
3Mb / 53P
   Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
A4413 ALLEGRO-A4413 Datasheet
1Mb / 47P
   Adjustable Frequency Buck or Buck-Boost Pre-Regulator with Synchronous Buck, 5 V Protected LDO, Pulse-Width Window Watchdog, and NPOR
More results

Similar Description - A4411KLVTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
   Automotive AEC-Q100 qualified
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com