Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4410 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4410
Description  Programmable watchdog timer with a 30 ms activation delay
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4410 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4410 Datasheet HTML 6Page - Allegro MicroSystems A4410 Datasheet HTML 7Page - Allegro MicroSystems A4410 Datasheet HTML 8Page - Allegro MicroSystems A4410 Datasheet HTML 9Page - Allegro MicroSystems A4410 Datasheet HTML 10Page - Allegro MicroSystems A4410 Datasheet HTML 11Page - Allegro MicroSystems A4410 Datasheet HTML 12Page - Allegro MicroSystems A4410 Datasheet HTML 13Page - Allegro MicroSystems A4410 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Adjustable Frequency Buck or Buck/Boost Pre-Regulator with a
Synchronous Buck, 3 Internal LDOs, Window Watchdog Timer, and NPOR
A4410
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
1V25 Output Voltage
Output Voltage Accuracy
V1V25
50 mA < I1V25 < 750 mA
1.23
1.25
1.27
V
Pulse Width Modulation (PWM)
PWM Ramp Offset
PWM2OFFS VCOMP2 for 0% duty cycle
350
mV
High-Side MOSFET Minimum ON-
Time
tON(MIN)
65
105
ns
High-Side MOSFET Minimum OFF-
Time
tOFF(MIN)
Does not include total gate driver non-overlap
time, tNO
100
130
ns
Gate Driver Non-Overlap Time 2
tNO
15
ns
COMP2 to LX2 Current gain
gmPOWER2
2.5
A/V
Slope Compensation 2
SE2
fOSC = 2.0 MHz
0.45
0.63
0.81
A/μs
fOSC = 400 kHz
0.12
0.14
0.19
Internal MOSFETs
High-Side MOSFET ON Resistance
RDSON (HS)
TA = 25°C 3, IDS = 100 mA
200
235
IDS = 100 mA
400
LX2 Node Rise/Fall Time 2
t R/F,LX2
VVREG = 5.5 V
12
ns
High-Side MOSFET Leakage 1
IDSS (HS)
VENBATx ≤ 2.2 V and VENB ≤ 0.8 V, VLX2 = 0 V,
VVREG = 5.5 V, ‒40˚C < TJ < 85˚C 3
2
μA
VENBATx ≤ 2.2 V and VENB ≤ 0.8 V, VLX2 = 0 V,
VVREG = 5.5 V, −40°C < TJ < 150°C
3
15
μA
Low-Side MOSFET ON Resistance
RDSON (LS)
TA = 25°C 3, IDS = 100 mA
55
65
IDS = 100 mA
110
Low-Side MOSFET Leakage 1
IDSS (LS)
VENBATx ≤ 2.2 V and VENB ≤ 0.8 V,
VLX2 = 5.5 V, ‒40˚C < TJ < 85˚C 3
1
μA
VENBATx ≤ 2.2 V and VENB ≤ 0.8 V,
VLX2 = 5.5 V, −40°C < TJ < 150°C
8
20
μA
1
Negative current is defined as coming out of the node or pin (sourcing), positive current is defined as going into the node or pin (sinking).
2
Ensured by design and characterization, not production tested.
3
Specifications at 25°C or 85°C are guaranteed by design and characterization, not production tested.
4
The lowest operating voltage is only valid if the conditions VVIN > VVIN,START and VVCP – VVIN > VCPUV,H and VVREG > VREGUV,H are satisfied before VIN is reduced.
ELECTRICAL CHARACTERISTICS – 1.25 V SYNCHRONOUS BUCK REGULATOR1: valid at 3.6 V 4 < VIN < 36 V, –40ºC <
TA = TJ < 150ºC, unless otherwise specified.


Similar Part No. - A4410

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
   Automotive AEC-Q100 qualified
A4411KLVTR-T ALLEGRO-A4411KLVTR-T Datasheet
1Mb / 45P
   Automotive AEC-Q100 qualified
A4412 ALLEGRO-A4412 Datasheet
3Mb / 53P
   Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
A4412KLVTR-T ALLEGRO-A4412KLVTR-T Datasheet
3Mb / 53P
   Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
A4413 ALLEGRO-A4413 Datasheet
1Mb / 47P
   Adjustable Frequency Buck or Buck-Boost Pre-Regulator with Synchronous Buck, 5 V Protected LDO, Pulse-Width Window Watchdog, and NPOR
More results

Similar Description - A4410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS386000 TI-TPS386000 Datasheet
917Kb / 28P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
74HC5555D-T NXP-74HC5555D-T Datasheet
100Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
   Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
74HCT5555 NEXPERIA-74HCT5555 Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com