Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1332KLETR-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1332KLETR-T
Description  Precision Hall Effect Angle Sensor IC with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1332KLETR-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1332KLETR-T Datasheet HTML 6Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 7Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 8Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 9Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 10Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 11Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 12Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 13Page - Allegro MicroSystems A1332KLETR-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Precision Hall Effect Angle Sensor IC with I2C Interface
A1332
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Programming Modes
The EEPROM can be written through the primary serial interface
to enter process coefficients and select options. Certain operating
commands also are available by writing directly to SRAM. The
EEPROM and SRAM provide parallel data structures for operat-
ing parameters. The SRAM provides a rapid test and measure-
ment environment for application development and bench testing.
The EEPROM provides persistent storage at end of line for final
parameters. At initialization, the EEPROM contents are read into
the corresponding SRAM. The SRAM can be overwritten during
operation (although it is not recommended). the EEPROM is
permanently locked by setting the lock EEPROM [LE] bit in the
EEPROM.
The A1332 is programmed through the primary serial interface,
an I2C interface receiving pulses through the SDA and SCL pins,
with additional power provided by pulses on the VCC pin to set
the EEPROM bit fields.
VCC (V)
4.4
3.8
SDA Pin
State
t
3.7
VCC Low Flag Threshold, VCCLOW(TH)
POR
POR
High
Impedance
Accurate
Angle Output
High
Impedance
Error
Flag Set
Error
Flag Set
Angle
output
accuracy
reduced
Angle
output
accuracy
reduced
Figure 3: Relationship of VCC and SDA output


Similar Part No. - A1332KLETR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-DD-T ALLEGRO-A1330LLETR-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-DD-T ALLEGRO-A1330LLETR-P-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-T ALLEGRO-A1330LLETR-P-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-T ALLEGRO-A1330LLETR-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
More results

Similar Description - A1332KLETR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
   Precision Hall-Effect Angle Sensor IC
logo
Texas Instruments
TMAG5173-Q1 TI-TMAG5173-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
SEPTEMBER 2022
TMAG5173-Q1 TI-TMAG5173-Q1_V01 Datasheet
1Mb / 60P
[Old version datasheet]   TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
REVISED SEPTEMBER 2023
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Texas Instruments
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com