Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1332ELETR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1332ELETR-T
Description  Precision Hall Effect Angle Sensor IC with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1332ELETR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1332ELETR-T Datasheet HTML 7Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 8Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 9Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 10Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 11Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 12Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 13Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 14Page - Allegro MicroSystems A1332ELETR-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Precision Hall Effect Angle Sensor IC with I2C Interface
A1332
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
APPLICATION INFORMATION
The A1332 features an I2C compliant interface for communica-
tion with a host microcontroller, or Master. A basic circuit for
configuring the A1332 package is shown in Figure 4. It is recom-
mended that both the SCL and SDA lines be tied to 3.3 V via a
1 kΩ pull-up resistor. If using a Pull-Up voltage of 5 V, it is
recommended to limit current by using a higher value pull-up
resistance that 1 K.
Serial Interface Description
If the SDA pin is tied to 5 V, instead of 3.3 V, this results in the
forward biasing of an internal diode in the A1332 which could
conduct current into the digital voltage regulator internal to the
device. This may result in degraded voltage regulation per-
formance. Current- limiting resistors have been implemented
on-chip to limit this effect. Measurements show that exposure to
this condition does not damage the IC in any permanent manner.
However, for best results, it is recommended that the Serial Logic
pins SDA and SCL be tied to 3.3 V and not 5 V VCC.
3.3 V Internal Regulator
3.3 V Internal Regulator
3.3 V External Supply
5 V External Supply
SDA
Pin
SDA
Pin
Pull-Up
Resistor
Pull-Up
Resistor
Internal
Resistor
Internal
Resistor
Digital Sub-System
Digital Sub-System
Current Flows from VCC into
3.3 V Internal Regulator.
Regulator may suffer some
degradation in performance.
A1332 will continue to function
with the 5 V SDA Pull-Up, but
this is not a desirable conigur-
ation.
Internal
Diode:
OFF
Internal
Diode:
ON
SDA Pull-Up = 3.3 V
SDA Pull-Up = 5 V
Figure 4: SDA Pin Schematic


Similar Part No. - A1332ELETR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-DD-T ALLEGRO-A1330LLETR-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-DD-T ALLEGRO-A1330LLETR-P-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-T ALLEGRO-A1330LLETR-P-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-T ALLEGRO-A1330LLETR-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
More results

Similar Description - A1332ELETR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
   Precision Hall-Effect Angle Sensor IC
logo
Texas Instruments
TMAG5173-Q1 TI-TMAG5173-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
SEPTEMBER 2022
TMAG5173-Q1 TI-TMAG5173-Q1_V01 Datasheet
1Mb / 60P
[Old version datasheet]   TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
REVISED SEPTEMBER 2023
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Texas Instruments
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com