Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C316098B-10TIN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C316098B-10TIN
Description  Fully static operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C316098B-10TIN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C316098B-10TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C316098B-10TIN Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AS7C316098B
Rev. 1.0
1024K X 16 BIT HIGH SPEED CMOS SRAM
Confidential
8
Rev1.0 – June 2014
WRITE CYCLE 3 (LB#,UB# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
LB#,UB#
tCW
tAS
tWP
tBW
CE#
Address
tWR
tAW
tWC
CE2
Notes :
1.WE#,CE#, LB#, UB# must be high or CE2 must be low during all address transitions.
2.A write occurs during the overlap of a low CE#, high CE2, low WE#, LB# or UB# = low.
3.During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be placed
on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE#, LB#, UB# low transition and CE2 high transition occurs simultaneously with or after WE# low transition, the outputs remain in
a high impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - AS7C316098B-10TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
   Fully static operation
More results

Similar Description - AS7C316098B-10TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
   Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
   Fully static operation
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
   Fully static operation
AS7C38096A ALSC-AS7C38096A Datasheet
395Kb / 11P
   Fully static operation
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
   fully static operation
AS6C2016 ALSC-AS6C2016 Datasheet
525Kb / 13P
   Fully static operation
AS6C4016 ALSC-AS6C4016 Datasheet
631Kb / 12P
   Fully static operation
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
   Fully static operation
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
   Fully static operation
AS6C2008A ALSC-AS6C2008A Datasheet
1Mb / 15P
   Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com