Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF18N50BTH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF18N50BTH
Description  N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF18N50BTH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF18N50BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF18N50BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dec 2011. Version 1.0
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
MDP18N50B
MDF18N50B
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
18
18*
A
TC=100
oC
11
11*
A
Pulsed Drain Current
(1)
IDM
72
72*
A
Power Dissipation
TC=25
oC
PD
236
37
W
Derate above 25
oC
1.89
0.29
W/
oC
Repetitive Avalanche Energy
(1)
EAR
23.6
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
950
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
MDP18N50B
MDF18N50B
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
0.53
3.4
MDP18N50B / MDF18N50B
N-Channel MOSFET 500V, 18.0 A, 0.27
General Description
The MDP/F18N50B uses advanced Magnachip’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDP/F18N50B is suitable device for SMPS, HID
and general purpose applications.
Features
VDS = 500V
ID = 18.0A
@VGS = 10V
RDS(ON) ≤ 0.27
@VGS = 10V
Applications
Power Supply
PFC
Ballast


Similar Part No. - MDF18N50BTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF18N50 MGCHIP-MDF18N50 Datasheet
832Kb / 6P
   N-Channel MOSFET 500V, 18 A, 0.27(ohm)
MDF18N50TH MGCHIP-MDF18N50TH Datasheet
832Kb / 6P
   N-Channel MOSFET 500V, 18 A, 0.27(ohm)
More results

Similar Description - MDF18N50BTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP18N50 MGCHIP-MDP18N50 Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDF18N50 MGCHIP-MDF18N50 Datasheet
832Kb / 6P
   N-Channel MOSFET 500V, 18 A, 0.27(ohm)
MDQ18N50G MGCHIP-MDQ18N50G Datasheet
975Kb / 6P
   N-Channel MOSFET 500V, 20.0A, 0.27(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
   N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDD3N50G MGCHIP-MDD3N50G Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com