Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP15N075TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDP15N075TH
Description  Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP15N075TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDP15N075TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP15N075TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP15N075TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP15N075TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP15N075TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP15N075TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
150
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC (Silicon Limited)
ID
144
A
TC=25
oC (Package Limited)
120
TC=100
oC
91
Pulsed Drain Current
(3)
IDM
480
Power Dissipation
TC=25
oC
PD
312
W
TC=100
oC
125
Single Pulse Avalanche Energy
(2)
EAS
450
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
RθJC
0.4
MDP15N075
Single N-channel Trench MOSFET 150V, 120A, 7.5m
Ω
Features
VDS = 150V
ID = 120A @VGS = 10V
Very low on-resistance RDS(ON)
< 7.5
mΩ @VGS = 10V
100% UIL Tested
100% Rg Tested
General Description
The MDP15N075 uses advanced MagnaChip’s MV MOSFET
Technology, which provides high performance in on-state resistance,
fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications
such as Low Power Drives of E-bike (E-Vehicles), DC/DC converter,
and general purpose applications.
TO-220
D
G
S


Similar Part No. - MDP15N075TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP15N075TH ISC-MDP15N075TH Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP15N075TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF1933 MGCHIP-MDF1933 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 43A, 7.5m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
   Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com