Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP14N25CTP Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDP14N25CTP
Description  N-Channel MOSFET 250V, 14A, 0.28(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP14N25CTP Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDP14N25CTP Datasheet HTML 1Page - MagnaChip Semiconductor. MDP14N25CTP Datasheet HTML 2Page - MagnaChip Semiconductor. MDP14N25CTP Datasheet HTML 3Page - MagnaChip Semiconductor. MDP14N25CTP Datasheet HTML 4Page - MagnaChip Semiconductor. MDP14N25CTP Datasheet HTML 5Page - MagnaChip Semiconductor. MDP14N25CTP Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aug 2011 Version 1.0
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDP14N25CTP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP14N25CTH ISC-MDP14N25CTH Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP14N25CTP

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Alpha & Omega Semicondu...
AON6458 AOSMD-AON6458 Datasheet
568Kb / 6P
   250V,14A N-Channel MOSFET
AOD458 AOSMD-AOD458_11 Datasheet
266Kb / 6P
   250V,14A N-Channel MOSFET
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
   15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MMF50R280P MGCHIP-MMF50R280P Datasheet
1Mb / 10P
   500V 0.28(ohm) N-channel MOSFET
logo
Fairchild Semiconductor
FDMS2734 FAIRCHILD-FDMS2734 Datasheet
508Kb / 7P
   N-Channel UltraFET Trench MOSFET 250V, 14A, 122mohm
logo
MagnaChip Semiconductor...
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
   N-Channel MOSFET 650V, 14A, 0.46(ohm)
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com