Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD10H150CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BD10H150CS
Description  ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD10H150CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BD10H150CS_16 Datasheet HTML 1Page - Pan Jit International Inc. BD10H150CS_16 Datasheet HTML 2Page - Pan Jit International Inc. BD10H150CS_16 Datasheet HTML 3Page - Pan Jit International Inc. BD10H150CS_16 Datasheet HTML 4Page - Pan Jit International Inc. BD10H150CS_16 Datasheet HTML 5Page - Pan Jit International Inc. BD10H150CS_16 Datasheet HTML 6Page - Pan Jit International Inc. BD10H150CS_16 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PBD10H150CS \ MBR10H150CT \ MBR10H150FCT \ MBR10H150DC SERIES
October 13,2016­REV.02
Page 2
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
T
C, Case Temperature (°C)
per diode
0.001
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90 100
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
1
10
100
V
R, Reverse Bias Voltage (V)
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
J = 175°C
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C
per diode
per diode
per diode
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
175
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating Curve


Similar Part No. - BD10H150CS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD10H150CS PANJIT-BD10H150CS Datasheet
401Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD10H150CS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR20H150FAT PANJIT-MBR20H150FAT Datasheet
280Kb / 4P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR5H150SS PANJIT-MBR5H150SS Datasheet
203Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR3H150SS PANJIT-MBR3H150SS Datasheet
226Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR20H150CT PANJIT-MBR20H150CT Datasheet
463Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
BD10H150CS PANJIT-BD10H150CS Datasheet
401Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR1H150 PANJIT-MBR1H150 Datasheet
264Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR30H150CT PANJIT-MBR30H150CT Datasheet
280Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SRH5150 SECOS-SRH5150_15 Datasheet
129Kb / 2P
   Low IR Schottky Barrier Rectifiers
SMH3150B SECOS-SMH3150B Datasheet
211Kb / 2P
   Low IR Schottky Barrier Rectifiers
SRH5200 SECOS-SRH5200_15 Datasheet
129Kb / 2P
   Low IR Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com