Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP10N60G Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MDP10N60G
Description  N-Channel MOSFET 600V, 10A, 0.7(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP10N60G Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  MDP10N60G Datasheet HTML 1Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 2Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 3Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 4Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 5Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 6Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 7Page - MagnaChip Semiconductor. MDP10N60G Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dec. 2014 Version 1.5
MagnaChip Semiconductor Ltd.
7
 Physical Dimension
3 Leads, TO-220F
Dimensions are in millimeters unless otherwise specified
Symbol
Min
Nom
Max
A
4.50
4.93
b
0.63
0.91
b1
1.15
1.47
C
0.33
0.63
D
15.47
16.13
E
9.60
10.71
e
2.54
F
2.34
2.84
G
6.48
6.90
L
12.24
13.72
L1
2.79
3.67
Q
2.52
2.96
Q1
3.10
3.50
¢R
3.00
3.55


Similar Part No. - MDP10N60G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP10N60GTH ISC-MDP10N60GTH Datasheet
315Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP10N60G

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF10N60B MGCHIP-MDF10N60B Datasheet
757Kb / 6P
   N-Channel MOSFET 600V, 10A, 0.7(ohm)
MDFS10N60D MGCHIP-MDFS10N60D Datasheet
942Kb / 6P
   N-Channel MOSFET 600V, 10A, 0.75(ohm)
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
   600V,10A N-Channel MOSFET
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
   600V,10A N-Channel MOSFET
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
   600V, 10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60 AOSMD-AOW10T60 Datasheet
255Kb / 6P
   600V,10A N-Channel MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com