Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDP06N090TH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDP06N090TH
Description  Single N-channel Trench MOSFET 60V, 62A, 9.0m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP06N090TH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDP06N090TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP06N090TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP06N090TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP06N090TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP06N090TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP06N090TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Apr. 2015. Version 1.0
MagnaChip Semiconductor Ltd.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs.
Case Temperature
Fig.11 Transient Thermal Response
Curve
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
T
C, Case Temperature [
]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
3500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
0
2
4
6
8
10
V
DS = 30V
Note : I
D = 50A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
10 us
10 ms
1 ms
DC
100 us
100 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
V
DS, Drain-Source Voltage [V]


Similar Part No. - MDP06N090TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP06N090TH ISC-MDP06N090TH Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP06N090TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU1516 MGCHIP-MDU1516 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 47.6A, 9.0m(ohm)
logo
Fairchild Semiconductor
FDB13AN06A0 FAIRCHILD-FDB13AN06A0 Datasheet
300Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 62A, 13.5mohm
logo
MagnaChip Semiconductor...
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
   Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
   Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDD1951 MGCHIP-MDD1951 Datasheet
929Kb / 6P
   Single N-Channel Trench MOSFET 60V, 17.9A, 45.0m(ohm)
MDS1951 MGCHIP-MDS1951 Datasheet
813Kb / 6P
   Single N-Channel Trench MOSFET 60V, 6A, 45m(ohm)
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
MDD06N100 MGCHIP-MDD06N100 Datasheet
958Kb / 6P
   Single N-channel Trench MOSFET 60V, 50A, 10m(ohm)
MDU06N110 MGCHIP-MDU06N110 Datasheet
973Kb / 6P
   Single N-channel Trench MOSFET 60V, 52A, 11.0m(ohm)
MDS5951 MGCHIP-MDS5951 Datasheet
612Kb / 6P
   Dual N-Channel Trench MOSFET 60V, 4.5A, 50m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com