Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSQE32882 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74SSQE32882
Description  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSQE32882 Datasheet(HTML) 2 Page - Texas Instruments

  SN74SSQE32882_17 Datasheet HTML 1Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 2Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 3Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 4Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 5Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 6Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 7Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 8Page - Texas Instruments SN74SSQE32882_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
SN74SSQE32882
SCAS857A – MARCH 2008 – REVISED OCTOBER 2008 ................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TCASE
PACKAGE(2)
PART NUMBER
MARKING
0°C - Tcase
176ZAL
Tape and Reel
SN74SSQE32882ZALR
TE32882E
(see Table 1)
176ZCJ
Tape and Reel
SN74SSQE32882ZCJR
TE32882E
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Over operating free-air temperature range (unless otherwise noted).
(1)
PARAMETER
VALUE
UNIT
VDD
Supply voltage
–0.4 to +1.975
V
VI
Receiver input voltage
See (2) and (3)
–0.4 to VDD + 0.5
V
VREF
Reference voltage
–0.4 to VDD + 0.5
V
VO
Driver output voltage
See (2) and (3)
–0.4 to VDD + 0.5
V
IIK
Input clamp current
VI < 0 or VI > VDD
–50
mA
IOK
Output clamp current
VO < 0 or VO > VDD
±50
mA
IO
Continuous output current
0 < VO < VDD
±50
mA
ICCC
Continuous current through each VDD or GND pin
±100
mA
Tstg
Storage temperature
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 2.2 V maximum.
Table 1. Case Temperature vs Speed Node
PARAMETER
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
UNIT
Tcase
Maximum case temperature (1)
+109
+108
+106
+103
°C
(1)
The temperature values fit to JEDEC RAW cards A, B, and C. The user must keep Tcase below the specified values in order to keep the
junction temperature below +125°C. Other combinations of features and termination resistors can require lower case temperature and
extra cooling. These combinations depend on the specific application.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - SN74SSQE32882_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSQE32882 TI-SN74SSQE32882_1 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882 TI-SN74SSQE32882_10 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
More results

Similar Description - SN74SSQE32882_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSQE32882 TI-SN74SSQE32882 Datasheet
336Kb / 8P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEA32882 TI-SN74SSQEA32882 Datasheet
172Kb / 6P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEC32882 TI1-SN74SSQEC32882 Datasheet
498Kb / 9P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test One Pair to Four Pair Differential Clock PLL Driver
SN74SSQE32882 TI-SN74SSQE32882_1 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEB32882 TI1-SN74SSQEB32882 Datasheet
489Kb / 9P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test One Pair to Four Pair Differential Clock PLL Driver
SN74SSTE32882 TI-SN74SSTE32882 Datasheet
274Kb / 7P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver
SN74SSQE32882 TI-SN74SSQE32882_10 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com