Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT84DCKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84DCKT
Description  1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT84DCKT Datasheet(HTML) 1 Page - Texas Instruments

  LMT84DCKT Datasheet HTML 1Page - Texas Instruments LMT84DCKT Datasheet HTML 2Page - Texas Instruments LMT84DCKT Datasheet HTML 3Page - Texas Instruments LMT84DCKT Datasheet HTML 4Page - Texas Instruments LMT84DCKT Datasheet HTML 5Page - Texas Instruments LMT84DCKT Datasheet HTML 6Page - Texas Instruments LMT84DCKT Datasheet HTML 7Page - Texas Instruments LMT84DCKT Datasheet HTML 8Page - Texas Instruments LMT84DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LMT84
OUT
GND
VDD
CBP
VDD (+1.5V to +5.5V)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMT84, LMT84-Q1
SNIS167C – MARCH 2013 – REVISED OCTOBER 2015
LMT84/LMT84-Q1 1.5V, SC70/TO-92,
Analog Temperature Sensors with Class-AB Output
1 Features
3 Description
The
LMT84/LMT84-Q1
are
precision
CMOS
1
LMT84-Q1 is AEC-Q100 Grade 0 qualified and is
integrated-circuit temperature sensors with an analog
Manufactured on an Automotive Grade Flow
output
voltage
that
is
linearly
and
inversely
Low 1.5 V Operation
proportional to temperature. Its features make it
Very Accurate: ±0.4°C typical
suitable
for
many
general
temperature
sensing
applications. It can operate down to 1.5V supply with
Wide Temperature Range of -50°C to 150°C
5.4 µA power consumption making it ideal for battery
Low 5.4µA Quiescent Current
powered devices. Package options including through-
Average Sensor Gain of -5.5 mV/°C
hole TO-92 package allows the LMT84 to be
mounted on-board, off-board, to a heat sink, or on
Packages:
multiple unique locations in the same application. A
Small SC70 (SOT 5-lead) surface mount
class-AB output structure gives the LMT84/LMT84-
Leaded TO-92
Q1 strong output source and sink current capability
that can directly drive up to 1.1 nF capacitive loads.
Output is Short-Circuit Protected
This means it is well suited to drive an analog-to-
Push-Pull Output with ±50 µA Drive Capability
digital
converter
sample-and-hold
input
with
its
Footprint Compatible with the Industry-Standard
transient load requirements. It has accuracy specified
LM20/19 and LM35 Temperature Sensors
in the operating range of
−50°C to 150°C. The
Cost-effective Alternative to Thermistors
accuracy, 3-lead package options, and other features
also make the LMT84/LMT84-Q1 an alternative to
thermistors.
2 Applications
For devices with different average sensor gains and
Automotive
comparable
accuracy
the
LMT85/LM85-Q1,
Industrial
LMT86/LMT86-Q1 and LMT87/LMT87-Q1 (For more
White Goods - Appliances
details see Comparable Alternative Devices.)
Battery Management
Device Information(1)
Disk Drives
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Games
SOT (5)
2.00 mm x 1.25 mm
Wireless Transceivers
LMT84
TO-92 (3)
4.3 mm x 3.5 mm
Cell Phones
LMT84-Q1
SOT (5)
2.00 mm x 1.25 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
4 Full-Range Celsius Temperature Sensor (
−50°C to 150°C)
Output Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMT84DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84DCKT TI-LMT84DCKT Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKT TI-LMT84DCKT Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT84DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com