Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT84DCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84DCKR
Description  1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT84DCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT84DCKR Datasheet HTML 5Page - Texas Instruments LMT84DCKR Datasheet HTML 6Page - Texas Instruments LMT84DCKR Datasheet HTML 7Page - Texas Instruments LMT84DCKR Datasheet HTML 8Page - Texas Instruments LMT84DCKR Datasheet HTML 9Page - Texas Instruments LMT84DCKR Datasheet HTML 10Page - Texas Instruments LMT84DCKR Datasheet HTML 11Page - Texas Instruments LMT84DCKR Datasheet HTML 12Page - Texas Instruments LMT84DCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Thermal Diodes
OUT
VDD
GND
LMT84, LMT84-Q1
www.ti.com
SNIS167C – MARCH 2013 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The LMT84/LMT84-Q1 is an analog output temperature sensor. The temperature sensing element is comprised
of a simple base emitter junction that is forward biased by a current source. The temperature sensing element is
then buffered by an amplifier and provided to the OUT pin. The amplifier has a simple push-pull output stage
thus providing a low impedance output source.
8.2 Functional Block Diagram
Full-Range Celsius Temperature Sensor (
−50°C to 150°C)
8.3 Feature Description
8.3.1 LMT84/LMT84-Q1 Transfer Function
The output voltage of the LMT84/LMT84-Q1, across the complete operating temperature range, is shown in
Table 1. This table is the reference from which the LMT84/LMT84-Q1 accuracy specifications (listed in the
Accuracy Characteristics section) are determined. This table can be used, for example, in a host processor look-
up table. A file containing this data is available for download at the LMT84 product folder under Tools and
Software Models.
Table 1. LMT84/LMT84-Q1 Transfer Table
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
-50
1299
-10
1088
30
871
70
647
110
419
-49
1294
-9
1082
31
865
71
642
111
413
-48
1289
-8
1077
32
860
72
636
112
407
-47
1284
-7
1072
33
854
73
630
113
401
-46
1278
-6
1066
34
849
74
625
114
396
-45
1273
-5
1061
35
843
75
619
115
390
-44
1268
-4
1055
36
838
76
613
116
384
-43
1263
-3
1050
37
832
77
608
117
378
-42
1257
-2
1044
38
827
78
602
118
372
-41
1252
-1
1039
39
821
79
596
119
367
-40
1247
0
1034
40
816
80
591
120
361
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMT84 LMT84-Q1


Similar Part No. - LMT84DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT84DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com