Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630AF Datasheet(PDF) 7 Page - Texas Instruments

Part # LMR23630AF
Description  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AF Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR23630AF Datasheet HTML 3Page - Texas Instruments LMR23630AF Datasheet HTML 4Page - Texas Instruments LMR23630AF Datasheet HTML 5Page - Texas Instruments LMR23630AF Datasheet HTML 6Page - Texas Instruments LMR23630AF Datasheet HTML 7Page - Texas Instruments LMR23630AF Datasheet HTML 8Page - Texas Instruments LMR23630AF Datasheet HTML 9Page - Texas Instruments LMR23630AF Datasheet HTML 10Page - Texas Instruments LMR23630AF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
LMR23630
www.ti.com
SNVSAH2B – DECEMBER 2015 – REVISED APRIL 2017
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Guaranteed by design.
6.7 Switching Characteristics
Over the recommended operating junction temperature range of -40 °C to 125 °C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
SW (SW PIN)
fSW
Default switching frequency
340
400
460
kHz
TON_MIN
Minimum turn-on time
60
ns
TOFF_MIN
(1)
Minimum turn-off time
100
ns
SYNC (EN/SYNC PIN)
fSYNC
SYNC frequency range
200
2200
kHz
VSYNC
Amplitude of SYNC clock AC signal (measured at SYNC pin)
2.8
5.5
V
TSYNC_MIN
Minimum sync clock ON and OFF time
100
ns


Similar Part No. - LMR23630AF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630AFQDDAQ1 TI1-LMR23630AFQDDAQ1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com