Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8460A Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8460A
Description  Self Protected High Side Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8460A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8460A Datasheet HTML 3Page - ON Semiconductor NCV8460A Datasheet HTML 4Page - ON Semiconductor NCV8460A Datasheet HTML 5Page - ON Semiconductor NCV8460A Datasheet HTML 6Page - ON Semiconductor NCV8460A Datasheet HTML 7Page - ON Semiconductor NCV8460A Datasheet HTML 8Page - ON Semiconductor NCV8460A Datasheet HTML 9Page - ON Semiconductor NCV8460A Datasheet HTML 10Page - ON Semiconductor NCV8460A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV8460A
www.onsemi.com
7
TYPICAL CHARACTERISTICS CURVES
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
−50
0
50
100
150
TEMPERATURE (
°C)
Figure 5. Undervoltage Shutdown vs.
Temperature
37
38
39
40
41
42
43
44
45
TEMPERATURE (
°C)
Figure 6. Overvoltage Shutdown vs.
Temperature
−50
0
50
100
150
28
48
68
88
108
128
148
0
5
10
15
20
25
30
35
40
VD (V)
Figure 7. RDS(on) vs. VD
25
°C
−40
°C
150
°C
0
20
40
60
80
100
120
140
0
1020
304050
VD (V)
Figure 8. OFF State Standby Current vs. VD
−40
°C
25
°C
150
°C
0
20
40
60
80
100
120
0
102030
40
VD (V)
Figure 9. Output Leakage vs. VD
Vout = 0 V
−40
°C
25
°C
150
°C
TEMPERATURE (
°C)
−50
0
50
100
150
4
3.5
3
2.5
2
1.5
1
Figure 10. Vin Threshold High vs. Temperature


Similar Part No. - NCV8460A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8460A ONSEMI-NCV8460A Datasheet
160Kb / 16P
   Self Protected High Side Driver with Temperature Shutdown and Current Limit
August, 2012 ??Rev. 1
NCV8460ADR2G ONSEMI-NCV8460ADR2G Datasheet
160Kb / 16P
   Self Protected High Side Driver with Temperature Shutdown and Current Limit
August, 2012 ??Rev. 1
More results

Similar Description - NCV8460A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8452 ONSEMI-NCV8452 Datasheet
117Kb / 13P
   Self Protected High Side Driver
August, 2016 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
   Self-Protected High Side Driver
October, 2015 ??Rev. 5
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com