Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8406BDTRKG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8406BDTRKG
Description  Self-Protected Low Side Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8406BDTRKG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8406BDTRKG Datasheet HTML 1Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 2Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 3Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 4Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 5Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 6Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 7Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 8Page - ON Semiconductor NCV8406BDTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV8406A, NCV8406B
www.onsemi.com
4
TYPICAL PERFORMANCE CURVES
Figure 2. Single Pulse Maximum Switch−off
Current vs. Load Inductance
Figure 3. Single−Pulse Maximum Switching
Energy vs. Load Inductance
L (mH)
L (mH)
100
10
1
10
100
10
100
1000
Figure 4. Single Pulse Maximum Inductive
Switch−off Current vs. Time in Clamp
Figure 5. Single−Pulse Maximum Inductive
Switching Energy vs. Time in Clamp
TIME IN CLAMP (ms)
TIME IN CLAMP (ms)
10
1
0.1
1
10
10
1
10
1000
TJstart = 25°C
TJstart = 150°C
TJstart = 25°C
TJstart = 150°C
TJstart = 25°C
TJstart = 150°C
TJstart = 25°C
TJstart = 150°C
10
100
3 V
150
°C
VDS (V)
VGS (V)
15
10
5
0
0
2
6
10
12
5
4
3
2
1
0
0
3
6
9
12
8
VGS = 2.5 V
3.3 V
4 V
5 V
6 V
7 V
8 V
9 V
10 V
−40
°C
25
°C
100
°C
Figure 6. On−state Output Characteristics
Figure 7. Transfer Characteristics
Ta = 25°C
VDS = 10 V
4


Similar Part No. - NCV8406BDTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8406BDTRKG ONSEMI-NCV8406BDTRKG Datasheet
247Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit 65 V, 7.0 A, Single N-Channel
January, 2020 - Rev. 9
More results

Similar Description - NCV8406BDTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
   Self-Protected Low Side Driver
November, 2015 ??Rev. 4
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com