Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8445DR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8445DR2G
Description  Self Protected High Side Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8445DR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8445DR2G Datasheet HTML 1Page - ON Semiconductor NCV8445DR2G Datasheet HTML 2Page - ON Semiconductor NCV8445DR2G Datasheet HTML 3Page - ON Semiconductor NCV8445DR2G Datasheet HTML 4Page - ON Semiconductor NCV8445DR2G Datasheet HTML 5Page - ON Semiconductor NCV8445DR2G Datasheet HTML 6Page - ON Semiconductor NCV8445DR2G Datasheet HTML 7Page - ON Semiconductor NCV8445DR2G Datasheet HTML 8Page - ON Semiconductor NCV8445DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV8445
www.onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Min
Max
DC Supply Voltage
VD
−0.3
42
V
Peak Transient Input Voltage
(Load Dump 42.5 V, VD = 13.5 V, RLOAD = 6.5 W, ISO7637−2 pulse 5)
Vpeak
56
V
Input Voltage
Vin
−8
8
V
Input Current
Iin
−5
5
mA
Output Current (Note 1)
Iout
−6
Internally
Limited
A
Negative Ground Current
−Ignd
−200
mA
Status Current
Istatus
−5
5
mA
Power Dissipation, Tc = 25
°C
Ptot
1.183
W
Electrostatic Discharge
(HBM Model 100 pF / 1500
W)
Input
Status
Output
VD
4
3.5
5
5
DC
kV
kV
kV
kV
Single Pulse Inductive Load Switching Energy (Note 2)
(L = 1.8 mH, Vbat = 13.5 V; IL = 8.75 A, TJstart = 150°C)
EAS
101.5
mJ
Operating Junction Temperature
TJ
−40
+150
°C
Storage Temperature
Tstorage
−55
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Reverse Output current has to be limited by the load to stay within absolute maximum ratings and thermal performance.
2. Not subjected to production testing.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max Value
Unit
Thermal Resistance
Junction−to−Lead
Junction−to−Ambient (min. Pad)
Junction−to−Ambient (1” square pad size, FR−4, 1 oz Cu)
RqJL
RqJA
RqJA
72
110.8
105.6
°C/W
°C/W
°C/W


Similar Part No. - NCV8445DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8445DR2G ONSEMI-NCV8445DR2G Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results

Similar Description - NCV8445DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8452 ONSEMI-NCV8452 Datasheet
117Kb / 13P
   Self Protected High Side Driver
August, 2016 ??Rev. 4
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
   Self-Protected High Side Driver
October, 2015 ??Rev. 5
NCV8460A ONSEMI-NCV8460A_16 Datasheet
119Kb / 16P
   Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com